công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STEVAL-IPE020V1 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STEVAL-IPE020V1
Giải thích chi tiết về linh kiện  Single phase electricity meter with dual EEPROM M24LR64 and STPM10 and STM8L152
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IPE020V1 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STEVAL-IPE020V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IPE020V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IPE020V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IPE020V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IPE020V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-IPE020V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-IPE020V1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice. For further information contact your local STMicroelectronics sales office.
March 2012
Doc ID 022850 Rev 1
1/7
7
STEVAL-IPE020V1
Single phase electricity meter with dual EEPROM M24LR64 and
STPM10 and STM8L152
Data brief
preliminary data
Features
Accuracy: class 1 with dynamic range 200:1
Nominal voltage: 240 V
Nominal current: 10 A (ITYP)
Maximum current: 80 A (IMAX)
Operating range: 0.6 Vb to 1.2 Vb
Meter constant: 3200 impulses/kWh
Power frequency range: 45 Hz to 65 Hz
Sensor: primary side CT and secondary side
Shunt
Communication interface: IrDA
RoHS compliant
Description
The STEVAL-IPE020V1 demonstration board
implements a single-phase energy meter based
on the STPM10 metering IC and STM8L152
microcontroller.
The demonstration board is a fully functional
single-phase solution with parameter display,
tamper management, maximum demand (MD)
calculation, EEPROM data logging, and low
power management.
The metering data stored in the dual EEPROM
can be read using the RFID reader.
www.st.com


Số phần tương tự - STEVAL-IPE020V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-IPE002V1 STMICROELECTRONICS-STEVAL-IPE002V1 Datasheet
225Kb / 4P
   Electricity Meter (mono phase) - Measurement Board 2 Current Transformers
January 2006 Rev 1
STEVAL-IPE004V1 STMICROELECTRONICS-STEVAL-IPE004V1 Datasheet
191Kb / 4P
   Electricity Meter (mono phase) - Measurement Board 1 Shunt
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
STEVAL-IPE006V2 STMICROELECTRONICS-STEVAL-IPE006V2 Datasheet
593Kb / 7P
   High end meter Demonstration board
STEVAL-IPE007V1 STMICROELECTRONICS-STEVAL-IPE007V1 Datasheet
155Kb / 8P
   Mono-phase energy meter based on ST7Flite
More results

Mô tả tương tự - STEVAL-IPE020V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX71313L MAXIM-MAX71313L Datasheet
104Kb / 3P
   ZON M1L/M1 Single-Phase Electricity Meter SoC
1 /12 /2015
MAX71020 MAXIM-MAX71020 Datasheet
1Mb / 37P
   Single-Chip Electricity Meter AFE
Rev 0; 7/12
MAX71020 MAXIM-MAX71020_13 Datasheet
1Mb / 35P
   Single-Chip Electricity Meter AFE
Rev 1; 1/13
logo
Silan Microelectronics ...
SC7755S SILAN-SC7755S Datasheet
618Kb / 9P
   ELECTRICITY POWER METER CIRCUIT
logo
STMicroelectronics
EVALSTPM-3PHISO STMICROELECTRONICS-EVALSTPM-3PHISO Datasheet
291Kb / 4P
   Three-phase full shunt electricity meter evaluation board based on STPMS2, STISO621W and STM32F413RH
Rev 1 - October 2020
STEVAL-IHP004V1 STMICROELECTRONICS-STEVAL-IHP004V1 Datasheet
292Kb / 4P
   High-end smartplug systems to measure and control AC loads based on the SPZB32W1A2.1, STPM10, T2035H and M24LR64
STEVAL-IPE004V1 STMICROELECTRONICS-STEVAL-IPE004V1 Datasheet
191Kb / 4P
   Electricity Meter (mono phase) - Measurement Board 1 Shunt
logo
Silan Microelectronics ...
SC7751S SILAN-SC7751S Datasheet
597Kb / 9P
   ELECTRONIC POWER METER IC WITH ELECTRICITY PROOF
logo
STMicroelectronics
STEVAL-IPE002V1 STMICROELECTRONICS-STEVAL-IPE002V1 Datasheet
225Kb / 4P
   Electricity Meter (mono phase) - Measurement Board 2 Current Transformers
January 2006 Rev 1
DATALOG-M24LR-A STMICROELECTRONICS-DATALOG-M24LR-A Datasheet
68Kb / 4P
   Datalogger reference board for the M24LR64-R Dual Interface EEPROM
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com