công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STEVAL-ILL072V1 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STEVAL-ILL072V1
Giải thích chi tiết về linh kiện  All automotive grade components
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL072V1 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STEVAL-ILL072V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL072V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL072V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL072V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
June 2015
DocID027966 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ILL072V1
Single channel, 1 A automotive LED driver with boost controller
for interior/exterior lights
Data brief
Features
Wide DC input voltage (8 V - 24 V)
Single channel, 1000 mA constant-current
output with PWM brightness control
500 kHz switching frequency
Up to 10 high-brightness white LEDs (40 V
OVP threshold)
High efficiency (92% @Vin=12 V, Vout=32 V,
Iout=1 A)
RoHS compliant
All automotive grade components
Description
The purpose of this evaluation board is to provide
an application example of a single-channel, high-
current LED driver using the ALED6001 chip
operating with a boost topology. The brightness
of the LED string connected to its output can be
controlled through a PWM signal (0%-100%
dimming) or a control voltage (10:1 analog
dimming). Open LED, feedback disconnection &
LED overcurrent fault conditions are detected
and managed. The evaluation board has been
designed to provide an example of a compact
solution for all automotive applications involving
several LEDs arranged is a single string, and
day-time running lights (DTRL) in particular.


Số phần tương tự - STEVAL-ILL072V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-ILL071V1 STMICROELECTRONICS-STEVAL-ILL071V1 Datasheet
899Kb / 6P
   Periodic self-tuning possible
March 2015 Rev 1
STEVAL-ILL073V1 STMICROELECTRONICS-STEVAL-ILL073V1 Datasheet
284Kb / 8P
   Complete hardware and software package
January 2016 Rev 1
STEVAL-ILL074V1 STMICROELECTRONICS-STEVAL-ILL074V1 Datasheet
291Kb / 5P
   Short circuit protection
March 2016 Rev 3
STEVAL-ILL074V2 STMICROELECTRONICS-STEVAL-ILL074V2 Datasheet
310Kb / 5P
   Short circuit protection
February 2017 Rev 5
STEVAL-ILL076V1 STMICROELECTRONICS-STEVAL-ILL076V1 Datasheet
235Kb / 4P
   Short-circuit protection with auto restart
September 2015 Rev 1
More results

Mô tả tương tự - STEVAL-ILL072V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-ILL067V1 STMICROELECTRONICS-STEVAL-ILL067V1 Datasheet
857Kb / 10P
   All automotive-grade components
June 2015 Rev 1
logo
Advanced Semiconductor ...
ANM1730 ASB-ANM1730 Datasheet
231Kb / 3P
   All Components Inside SiP
January 2013
logo
Maxim Integrated Produc...
MAX2371EVKIT MAXIM-MAX2371EVKIT Datasheet
303Kb / 7P
   All Critical Peripheral Components Included
Rev 0; 2/02
MAX2870EVKIT MAXIM-MAX2870EVKIT Datasheet
3Mb / 17P
   All Critical Peripheral Components Included
Rev 2; 11/15
MAX2112EVKIT MAXIM-MAX2112EVKIT Datasheet
587Kb / 11P
   All Critical Peripheral Components Included
Rev 3; 11/17
MAX2121EVKIT MAXIM-MAX2121EVKIT Datasheet
877Kb / 8P
   All Critical Peripheral Components Included
Rev 1; 5/15
MAX2120EVKIT MAXIM-MAX2120EVKIT Datasheet
650Kb / 11P
   All Critical Peripheral Components Included
Rev 2; 11/14
MAX2223EVKIT MAXIM-MAX2223EVKIT Datasheet
847Kb / 10P
   All Critical Peripheral Components Included
Rev 0; 8/19
MAX3521EVKIT MAXIM-MAX3521EVKIT Datasheet
422Kb / 11P
   All Critical Peripheral Components Included
Rev 1; 6/16
MAX2771EVKIT MAXIM-MAX2771EVKIT Datasheet
1Mb / 12P
   All Critical Peripheral Components Included
Rev 0; 8/18
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com