công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STEVAL-ILL067V1 bảng dữ liệu(PDF) 2 Page - STMicroelectronics

tên linh kiện STEVAL-ILL067V1
Giải thích chi tiết về linh kiện  All automotive-grade components
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL067V1 bảng dữ liệu(HTML) 2 Page - STMicroelectronics

  STEVAL-ILL067V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL067V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL067V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL067V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ILL067V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ILL067V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ILL067V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ILL067V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-ILL067V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Board description and efficiency measurement
STEVAL-ILL067V1
2/10
DocID027964 Rev 1
1
Board description and efficiency measurement
Figure 1: Basic connection of the STEVAL-ILL067V1 evaluation board
For a quick evaluation of the STEVAL-ILL067V1 performance, just connect a DC power
supply (e.g. 12 V & 3 A current capability) between the VIN (J1) and GND (J2) terminals
and a set of suitable LED strings between the VBOOST (J3) & ROW1-ROW6 (J10 through
J15) terminals. The SW1 & SW2 jumpers should be both set in the lower postion, while the
SW4 jumper should be in the right position (FSW & MODE pins forced high, DIM pin high,
see Table 3 for details) as per default setting. As soon as the supply input is powered, the
EN pin (floating) is internally pulled-up, a soft-start sequence takes place and the LED
strings are powered at full-brightness. By pressing SW3 (EN pin tied low), the device shuts-
down. This pushbutton allows to easily reset the device in case a latched turn-off occurs as
+
-
GSPG10062015DI1514


Số phần tương tự - STEVAL-ILL067V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-ILL060V1 STMICROELECTRONICS-STEVAL-ILL060V1 Datasheet
407Kb / 7P
   High brightness LED array driver with diagnostics for automotive
May 2014 Rev 1
STEVAL-ILL061V1 STMICROELECTRONICS-STEVAL-ILL061V1 Datasheet
159Kb / 7P
   High brightness 4x4 RGB LED matrix
October 2013 Rev 1
STEVAL-ILL062V1 STMICROELECTRONICS-STEVAL-ILL062V1 Datasheet
207Kb / 5P
   32 white LEDs
August 2014 Rev 1
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
   Short-circuit protection
December 2014 Rev 2
STEVAL-ILL064V1 STMICROELECTRONICS-STEVAL-ILL064V1 Datasheet
188Kb / 4P
   BB- boost topology
August 2014 Rev 1
More results

Mô tả tương tự - STEVAL-ILL067V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-ILL072V1 STMICROELECTRONICS-STEVAL-ILL072V1 Datasheet
246Kb / 4P
   All automotive grade components
June 2015 Rev 1
logo
Advanced Semiconductor ...
ANM1730 ASB-ANM1730 Datasheet
231Kb / 3P
   All Components Inside SiP
January 2013
logo
Maxim Integrated Produc...
MAX2371EVKIT MAXIM-MAX2371EVKIT Datasheet
303Kb / 7P
   All Critical Peripheral Components Included
Rev 0; 2/02
MAX2870EVKIT MAXIM-MAX2870EVKIT Datasheet
3Mb / 17P
   All Critical Peripheral Components Included
Rev 2; 11/15
MAX2112EVKIT MAXIM-MAX2112EVKIT Datasheet
587Kb / 11P
   All Critical Peripheral Components Included
Rev 3; 11/17
MAX2121EVKIT MAXIM-MAX2121EVKIT Datasheet
877Kb / 8P
   All Critical Peripheral Components Included
Rev 1; 5/15
MAX2120EVKIT MAXIM-MAX2120EVKIT Datasheet
650Kb / 11P
   All Critical Peripheral Components Included
Rev 2; 11/14
MAX2223EVKIT MAXIM-MAX2223EVKIT Datasheet
847Kb / 10P
   All Critical Peripheral Components Included
Rev 0; 8/19
MAX3521EVKIT MAXIM-MAX3521EVKIT Datasheet
422Kb / 11P
   All Critical Peripheral Components Included
Rev 1; 6/16
MAX2771EVKIT MAXIM-MAX2771EVKIT Datasheet
1Mb / 12P
   All Critical Peripheral Components Included
Rev 0; 8/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com