công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STEVAL-ILL059V1 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STEVAL-ILL059V1
Giải thích chi tiết về linh kiện  High brightness LED array driver with diagnostics for automotive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL059V1 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STEVAL-ILL059V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL059V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL059V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL059V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ILL059V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ILL059V1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For further information contact your local STMicroelectronics sales office.
August 2014
DocID025915 Rev 1
1/6
STEVAL-ILL059V1
High brightness LED array driver with diagnostics for automotive
applications based on the STAP16DPS05 and STM8A
Data brief
Features
 Stand-alone mode:
– Demonstrates pre-configured patterns (with
adjustable brightness/speed) such as
rolling text, wave effect, dot sequence, etc.
– On-board buttons to switch between the
demos
– Potentiometer as a slider to control speed
or brightness of the pattern
– Open circuit, short circuit using open-
circuit/short-circuit jumpers
 GUI mode:
– All the features present in stand-alone
mode can be controlled using the GUI
– Global brightness control to change the
brightness of all channels
– Frame programming mode and 4
predefined presets with variable transition
time between frames
– Open/short error detection and
representation on the GUI
– Error detection in “no loop” and in loop of
0.5 s and 1 s
 RoHS compliant
Description
The STEVAL-ILL059V1 evaluation board is a high
brightness LED array driver application with
diagnostics based on the automotive grade, low
voltage, 16-bit constant current LED sink driver
STAP16DPS05 from STMicroelectronics.
The LED driver is configured and controlled
through an 8-bit automotive grade STM8A
microcontroller via SPI interface.
An automotive grade A5974D DC-DC converter
provides the voltages and power for the overall
functioning of the board.
This board can be used to demonstrate the LED
driver features or used to aid in application
development.
Software applications can be written, downloaded
and debugged using the on-board SWIM
connector.
www.st.com


Số phần tương tự - STEVAL-ILL059V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-ILL051V1 STMICROELECTRONICS-STEVAL-ILL051V1 Datasheet
217Kb / 4P
   3 A HB LED driver with dimming function based on the LED2000 in an SO-8 Batwing package
May 2016 Rev 2
STEVAL-ILL051V2 STMICROELECTRONICS-STEVAL-ILL051V2 Datasheet
231Kb / 4P
   Internal current limiting
May 2016 Rev 2
STEVAL-ILL052V1 STMICROELECTRONICS-STEVAL-ILL052V1 Datasheet
84Kb / 4P
   RoHS compliant
October 2012 Rev 1
STEVAL-ILL053V1 STMICROELECTRONICS-STEVAL-ILL053V1 Datasheet
95Kb / 4P
   RoHS compliant
October 2012 Rev 1
STEVAL-ILL054V1 STMICROELECTRONICS-STEVAL-ILL054V1 Datasheet
230Kb / 4P
   Internal current limiting
More results

Mô tả tương tự - STEVAL-ILL059V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-ILL060V1 STMICROELECTRONICS-STEVAL-ILL060V1 Datasheet
407Kb / 7P
   High brightness LED array driver with diagnostics for automotive
May 2014 Rev 1
logo
Allegro MicroSystems
A6269 ALLEGRO-A6269 Datasheet
286Kb / 15P
   Automotive LED Array Driver
logo
Bruckewell Technology L...
BW9910 BWTECH-BW9910 Datasheet
1Mb / 14P
   High Brightness LED Driver
logo
Princeton Technology Co...
PT6903 PTC-PT6903 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6903 PTC-PT6903_10 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6905 PTC-PT6905 Datasheet
358Kb / 4P
   High Brightness LED Driver
logo
AiT Semiconductor Inc.
A8180 AITSEMI-A8180 Datasheet
794Kb / 19P
   LED LIGHTING DRIVER HIGH BRIGHTNESS LED DRIVER WITH INTERNAL SWITCH
REV3.0 - APR 2010
logo
SHANGHAI BELLING CO., L...
BL9580 BELLING-BL9580 Datasheet
350Kb / 17P
   High Brightness LED Driver with Internal Switch
BL9581 BELLING-BL9581 Datasheet
325Kb / 16P
   High Brightness LED Driver with Internal Switch
BL9582 BELLING-BL9582 Datasheet
309Kb / 16P
   High Brightness LED Driver with Internal Switch
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com