công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STEVAL-ILL053V1 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STEVAL-ILL053V1
Giải thích chi tiết về linh kiện  RoHS compliant
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL053V1 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STEVAL-ILL053V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL053V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL053V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL053V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
October 2012
Doc ID 023798 Rev 1
1/4
4
STEVAL-ILL053V1
48 V - 130 W high efficiency converter with PFC for LED street
lighting applications based on L6562 and L6599
Data brief
Features
Extended input mains range: 85 to 305 VAC -
frequency 45 to 55 Hz
Output voltage: 48 V at 2.7 A
Long-life, electrolytic capacitors not used
Mains harmonics: in accordance with
EN61000-3-2 Class C
Efficiency at full load: greater than 90% at 115
VAC
EMI: in accordance with EN55022 Class B;
EN55015
Safety: double insulation, in accordance with
EN60950, SELV
Dimensions: 75 x 135 mm, 30 mm maximum
component height
PCB: single side, 35 µm, FR-4, mixed
PTH/SMT
RoHS compliant
Description
The STEVAL-ILL053V1 demonstration board
implements a 130 W LED power supply for street
lighting.
The circuit is composed of two stages: a front-end
PFC using the L6562AT and an LLC resonant
converter based on the L6599AT.
The strengths of this design are its very high
efficiency; wide input mains range (85-305 VAC)
operation and long-term reliability.
Because reliability MTBF (mean time between
failures) in power supplies is typically affected by
the high failure rate of electrolytic capacitors,
unless using very high-end, expensive types, the
STEVAL-ILL053V1 demonstration board offers an
innovative design approach using film capacitors
from EPCOS in place of electrolytic capacitors.
Thanks to the high efficiency achieved, just a
small heatsink for the PFC stage is needed, while
the other power components employ SMT
(surface mount technology), like most of the
passive components, thereby decreasing
production labor cost.
The STEVAL-ILL053V1 demonstration board also
provides protection against overload or short-
circuit, open-loop by each stage, or input
overvoltage, with auto-restart.
www.st.com


Số phần tương tự - STEVAL-ILL053V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-ILL051V1 STMICROELECTRONICS-STEVAL-ILL051V1 Datasheet
217Kb / 4P
   3 A HB LED driver with dimming function based on the LED2000 in an SO-8 Batwing package
May 2016 Rev 2
STEVAL-ILL051V2 STMICROELECTRONICS-STEVAL-ILL051V2 Datasheet
231Kb / 4P
   Internal current limiting
May 2016 Rev 2
STEVAL-ILL052V1 STMICROELECTRONICS-STEVAL-ILL052V1 Datasheet
84Kb / 4P
   RoHS compliant
October 2012 Rev 1
STEVAL-ILL054V1 STMICROELECTRONICS-STEVAL-ILL054V1 Datasheet
230Kb / 4P
   Internal current limiting
STEVAL-ILL054V2 STMICROELECTRONICS-STEVAL-ILL054V2 Datasheet
218Kb / 4P
   Internal current limiting
More results

Mô tả tương tự - STEVAL-ILL053V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com