công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STEVAL-ILL051V1 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STEVAL-ILL051V1
Giải thích chi tiết về linh kiện  3 A HB LED driver with dimming function based on the LED2000 in an SO-8 Batwing package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL051V1 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STEVAL-ILL051V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL051V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL051V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL051V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
May 2016
DocID024369 Rev 2
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ILL051V1
3 A HB LED driver with dimming function based on the LED2000
in an SO-8 Batwing package
Data brief
Features
3.0 V to 18 V operating input voltage range
850 kHz fixed switching frequency
100 mV (typ) current sense voltage drop
PWM dimming
±7% output current accuracy
Synchronous rectification
Internal current limiting
Thermal shutdown
RoHS compliant
Description
The STEVAL-ILL051V1 evaluation board
provides a platform for evaluating the LED2000,
an 850 kHz fixed switching frequency monolithic
step-down DC-DC converter designed to operate
as precise constant current source with an
adjustable current capability up to 3 A DC.
The embedded PWM dimming circuitry features
LED brightness control. The regulated output
current is set by connecting a sensing resistor to
the feedback pin.
Application size is minimized thanks to the high
switching frequency and ceramic output capacitor
compatibility.
The device is fully protected against overheating,
overcurrent and output short-circuit.


Số phần tương tự - STEVAL-ILL051V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-ILL051V2 STMICROELECTRONICS-STEVAL-ILL051V2 Datasheet
231Kb / 4P
   Internal current limiting
May 2016 Rev 2
More results

Mô tả tương tự - STEVAL-ILL051V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-ISA070V1 STMICROELECTRONICS-STEVAL-ISA070V1 Datasheet
300Kb / 4P
   3 A / 1.5 MHz step-down synchronous switching regulator based on the ST1S31 in SO-8 package
STEVAL-ISA044V5 STMICROELECTRONICS-STEVAL-ISA044V5 Datasheet
343Kb / 4P
   3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10 (Power SO-8)
October 2011 Rev 1
logo
Princeton Technology Co...
PT6988 PTC-PT6988 Datasheet
281Kb / 4P
   ON/OFF 3-Level Buck LED Driver with Dimming
logo
STMicroelectronics
STEVAL-ILL034V1 STMICROELECTRONICS-STEVAL-ILL034V1 Datasheet
170Kb / 4P
   LED driver for an A19 lamp based on the L6562A for USA market
STEVAL-ISA099V1 STMICROELECTRONICS-STEVAL-ISA099V1 Datasheet
296Kb / 4P
   3 A step-down switching demonstration board based on the L7986 in DFN10 package
April 2012 Rev 1
STEVAL-ISA100V1 STMICROELECTRONICS-STEVAL-ISA100V1 Datasheet
302Kb / 4P
   3 A step-down switching demonstration board based on the L7986A in HSOP8 package
logo
Princeton Technology Co...
PT6907 PTC-PT6907 Datasheet
179Kb / 4P
   Linear Dimming LED Driver with Switch On/Off
PT6907 PTC-PT6907_10 Datasheet
113Kb / 4P
   Linear Dimming LED Driver with Switch On/Off
logo
STMicroelectronics
STEVAL-ILL089V1 STMICROELECTRONICS-STEVAL-ILL089V1 Datasheet
902Kb / 4P
   1 A buck LED driver board based on the ALED6000 automotive-grade dimmable LED driver
Rev 1 - November 2019
logo
Princeton Technology Co...
PT6905 PTC-PT6905_10 Datasheet
254Kb / 4P
   3-Stage Dimming LED Driver
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com