công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MV036F120M010 bảng dữ liệu(PDF) 5 Page - Vicor Corporation

tên linh kiện MV036F120M010
Giải thích chi tiết về linh kiện  High density
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VICOR [Vicor Corporation]
Trang chủ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MV036F120M010 bảng dữ liệu(HTML) 5 Page - Vicor Corporation

  MV036F120M010 Datasheet HTML 1Page - Vicor Corporation MV036F120M010 Datasheet HTML 2Page - Vicor Corporation MV036F120M010 Datasheet HTML 3Page - Vicor Corporation MV036F120M010 Datasheet HTML 4Page - Vicor Corporation MV036F120M010 Datasheet HTML 5Page - Vicor Corporation MV036F120M010 Datasheet HTML 6Page - Vicor Corporation MV036F120M010 Datasheet HTML 7Page - Vicor Corporation MV036F120M010 Datasheet HTML 8Page - Vicor Corporation MV036F120M010 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MIL-COTS Chip Transformer
Rev 2.9
vicorpower.com
Page 5 of 10
01/2014
800 927.9474
End of Life - Please see First Page
MV036 SERIES
Parameter
Min
Typ
Max
Unit
Note
Primary Control (PC)
DC voltage
4.8
5.0
5.2
Vdc
Module disable voltage
2.4
2.5
Vdc
Module enable voltage
2.5
2.6
Vdc
VC voltage must be applied when module is enabled using PC
Current limit
2.4
2.5
2.9
mA
Source only
Disable delay time
6
µs
PC low to Vout low
VTM® Control (VC)
External boost voltage
12
14
19
Vdc
Required for VTM start up without PRM
External boost duration
10
ms
Maximum duration of VC pulse = 20 ms
Auxiliary Pins (Conditions are at 36 Vin, full load, and 25°C ambient unless otherwise specified)
Figure 7 — Example load step with 100 µF input capacitance and no
output capacitance (MV036F120M010).
Figure 8 — Example load step with 100 µF input capacitance and no
output capacitance (MV036F120M010).
Electrical Specifications (continued)
Parameter
Min
Typ
Max
Unit
Note
MTBF (MV036F030M040)
MIL-HDBK-217F
4,480,000
Hours
25°C, GB
806,000
50°C NS
631,000
65°C AIC
Isolation specifications
Voltage
2,250
Vdc
Input to Output
Capacitance
3000
pF
Input to Output
Resistance
10
Input to Output
Agency approvals
cTÜVus
UL /CSA 60950-1, EN 60950-1
CE Marked for Low Voltage Directive and RoHS Recast Directive, as applicable
Mechanical
See Mechanical Drawings, Figures 10 & 11
Weight
0.53/ 15
oz /g
Dimensions
Length
1.28/ 32,5
in / mm
Width
0.87 / 22
in / mm
Height
0.265 / 6,73
in / mm
Thermal
Over temperature shutdown
125
130
135
°C
Junction temperature
Thermal capacity
9.3
Ws / °C
Junction-to-case thermal impedance (RθJC)1.1
°C / W
Junction-to-ambient
5.0
°C / W
With 0.25” heat sinkˆ
General


Số phần tương tự - MV036F120M010

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vicor Corporation
MV036F120M010 VICOR-MV036F120M010 Datasheet
678Kb / 10P
   VTM Current Multiplier
MV036F120M010 VICOR-MV036F120M010 Datasheet
711Kb / 10P
   Transformer
MV036F120M010 VICOR-MV036F120M010 Datasheet
1Mb / 10P
   MV036 SERIES
MV036F120M010-CB VICOR-MV036F120M010-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MV036F120M010 VICOR-MV036F120M010_10 Datasheet
711Kb / 10P
   Transformer
More results

Mô tả tương tự - MV036F120M010

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
   High Density Connectors High Density Steckverbinder
logo
Ohmite Mfg. Co.
RES-TA OHMITE-RES-TA Datasheet
333Kb / 2P
   High Power Density
logo
Vicor Corporation
BCM48BX060Y240A00 VICOR-BCM48BX060Y240A00 Datasheet
790Kb / 20P
   High power density
BCM352X110Y300B00 VICOR-BCM352X110Y300B00 Datasheet
854Kb / 21P
   High power density
logo
CTS Corporation
753 CTS-753_16 Datasheet
189Kb / 4P
   High Density Packaging
logo
XP Power Limited
SDC XPPOWER-SDC Datasheet
410Kb / 4P
   High Power Density
logo
List of Unclassifed Man...
HDVERTICAL ETC2-HDVERTICAL Datasheet
329Kb / 4P
   MALE-HIGH DENSITY
logo
Glenair, Inc.
181-058 GLENAIR-181-058 Datasheet
229Kb / 1P
   Glenair High Density
logo
Wall Industries,Inc.
HVIB WALL-HVIB Datasheet
328Kb / 11P
   High Power Density
logo
Cynergy3 Co
LM10AW CYNERGY3-LM10AW Datasheet
67Kb / 2P
   High Density Polyethylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com