công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STEVAL-CCA029V1 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STEVAL-CCA029V1
Giải thích chi tiết về linh kiện  External synchronization
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-CCA029V1 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STEVAL-CCA029V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-CCA029V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-CCA029V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-CCA029V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
June 2012
Doc ID 022892 Rev 1
1/4
4
STEVAL-CCA029V1
5 W + 5 W class-D audio amplifier demonstration board
based on the TDA7491LP
Data brief
Features
5 W + 5 W continuous output power at
THD = 10%, RL = 8 Ω, VCC = 9 V
5 W + 5 W continuous output power at
THD = 10%, RL = 4 Ω, VCC = 6.5 V
Power supply voltage range: 5 V to 14 V
Number of channels: 2 BTL (bridge tied load)
stereo
Load impedance: 4
Ω to 8 Ω
Gain settings: 20 dB, 26 dB, 30 dB, 32 dB
Undervoltage protection (UVP): 4 V
External synchronization
RoHS compliant
Description
The STEVAL-CCA029V1 demonstration board is
designed for the evaluation of the TDA7491LP
dual BTL class-D audio amplifier.
Due to its high efficiency, the device, assembled
in the PSSO36 (slug-down) package, is capable
of dissipating heat without any heatsink. Jumpers
on the board allow the configuration of the
amplifier in order to verify all the features as
single-ended or differential inputs, fixed gain
settings. Microswitches are also provided to
enable the standby and mute functions.
www.st.com


Số phần tương tự - STEVAL-CCA029V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-CCA022V1 STMICROELECTRONICS-STEVAL-CCA022V1 Datasheet
122Kb / 4P
   Demonstration board for single op-amps in SC70 or SOT-23 packages
STEVAL-CCA023V1 STMICROELECTRONICS-STEVAL-CCA023V1 Datasheet
79Kb / 4P
   Fully differential input/output
STEVAL-CCA025V1 STMICROELECTRONICS-STEVAL-CCA025V1 Datasheet
91Kb / 4P
   Class G capless headphone amplifier demonstration board based on the TS4621E
STEVAL-CCA027V1 STMICROELECTRONICS-STEVAL-CCA027V1 Datasheet
99Kb / 4P
   50 W50 W dual BTL class-D audio amplifier demonstration board based on the TDA7492
September 2011 Rev 2
STEVAL-CCA028V1 STMICROELECTRONICS-STEVAL-CCA028V1 Datasheet
131Kb / 4P
   10 W 10 W class-D audio amplifier demonstration boardbased on the TDA7491P
More results

Mô tả tương tự - STEVAL-CCA029V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX17509 MAXIM-MAX17509 Datasheet
623Kb / 24P
   External Frequency Synchronization
Rev 0; 2/15
MAX20006EVKIT MAXIM-MAX20006EVKIT Datasheet
884Kb / 9P
   External Frequency Synchronization (SYNC) Input
Rev 0; 5/18
logo
Fujitsu Component Limit...
MB3789 FUJITSU-MB3789 Datasheet
214Kb / 28P
   Switching Regulator Controller (Supporting External Synchronization)
logo
Panasonic Semiconductor
MN6761S PANASONIC-MN6761S Datasheet
71Kb / 9P
   External Synchronization Control LSI for Color Video Cameras
logo
ON Semiconductor
NCP1530 ONSEMI-NCP1530_05 Datasheet
135Kb / 16P
   600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
January, 2005 ??Rev. 4
NCP1530 ONSEMI-NCP1530 Datasheet
133Kb / 16P
   600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
November, 2004 ??Rev. 3
logo
Maxim Integrated Produc...
MAX16952EVKIT MAXIM-MAX16952EVKIT Datasheet
829Kb / 8P
   Selectable Forced Fixed-Frequency PWM Mode, SKIP Mode, or External Synchronization
Rev 1; 1/12
logo
Billiton Ltd.
TP5600 ASIC-TP5600 Datasheet
1Mb / 21P
   SynchronIzatIon Switch SynchronIzatIon Switch 2 A
logo
Integrated Device Techn...
82P33914 IDT-82P33914 Datasheet
146Kb / 4P
   Synchronization System
logo
Systemsensor advanced i...
RRS-MOD SYSTEMSENSOR-RRS-MOD Datasheet
97Kb / 2P
   Synchronization Module
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com