công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC1502 bảng dữ liệu(PDF) 1 Page - Teledyne Technologies Incorporated

tên linh kiện LC1502
Giải thích chi tiết về linh kiện  5.0 TO 1500 MHz TO-8 LIMITER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TELEDYNE [Teledyne Technologies Incorporated]
Trang chủ  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

LC1502 bảng dữ liệu(HTML) 1 Page - Teledyne Technologies Incorporated

  LC1502 Datasheet HTML 1Page - Teledyne Technologies Incorporated LC1502 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS ARE IN INCHES [MILLIMETERS]
SPECIFICATIONS*
ABSOLUTE MAXIMUM RATINGS
Rev. 5/10
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
TO-8 Package for Limiters
SMTO-8 Package for Limiters
5.0 TO 1500 MHz
TO-8 LIMITER
LC1502
Typical Values
LC1502
Voltage Variable Limiting Level . . . . . . . . . . . . .
-13 to 0 dB
Low Insertion Loss. . . . . . . . . . . . . . . . . . . . . . .
<2.0 dB
Balanced Circuit:
High Even Order Suppression . . . . . . . . . . . . . >50 dB at +10 dBm Input
Fast Recovery Time . . . . . . . . . . . . . . . . . . . . . .
< 50 ηsec
High Performance Thin Film
Standard Size TO-8 Package
Frequency Variation
<0.1 dB/100 MHz
0.2 dB/100 MHz
0.3 dB/100 MHz
Insertion Loss
To 1000 MHz
1.9 dB
2.5 dB
3.0 dB
To 1500 MHz
2.7 dB
3.5 dB
4.0 dB
Input SWR (Max.)
(PIN <+20 dBm)
To 1000 MHz
1.4:1
1.8:1
2.0:1
To 1500 MHz
1.6:1
2.0:1
2.0:1
Output SWR (Max.)
(PIN <-10 dBm)
To 1000 MHz
1.4:1
1.8:1
2.0:1
To 1500 MHz
1.6:1
2.0:1
2.0:1
Flatness vs. Freq. (Max)
(PIN <+20 dBm)
To 500 MHz
<±0.1 dB
<±0.3 dB
<±0.6 dB
To 1000 MHz
<±0.2 dB
<±0.5 dB
<±1.0 dB
To 1500 MHz
<±0.5 dB
<±1.1 dB
<±1.5 dB
Bias Current (Max.)
+20 Vdc
9.5 mA
11.5 mA
12.5 mA
+15 Vdc
7.0 mA
9.0 mA
10.0 mA
+10 Vdc
4.7 mA
6.0 mA
8.0 mA
+5 Vdc
2.2 mA
3.5 mA
5.0 mA
Guaranteed
Parameter
Typical
0 to 50 °C
-55 to +85 °C
Frequency (Min.)
5-1600 MHz
5-1500 MHz
5-1500 MHz
Ambient Operation Temperature . . . . . . . . . . . . . . . . . . . . . -55°C to 110°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-62° to 150 °C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . .
125 °C
Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+25 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . . . .
200 Milliwatts
Maximum Peak Power (3 µsec Max.) . . . . . . . . . . . . . . . . . .
1 Watt
Burn-in Temperature
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
125°C
Thermal Resistance1 (θjc) . . . . . . . . . . . . . . . . . . . . . . . . . .
2.1 °C/Watt
Junction Temperature Rise Above Case (Tjc) . . . . . . . . . . .
0.2 °C
1 Thermal resistance is based on total power dissipation.
* Measured in a 50-ohm system at +15 Vdc bias unless otherwise specified.
LC1502
TO-8 Amplifier Package
525001-001 RFTO 84 Pin
Teledyne Cougar • 408-522-3838 • 408-522-3839 fax
www.teledyne-cougar.com • cougar@teledyne.com
SMTO-8 Amplifier Package
Teledyne Microwave Solutions • 650-962-6944 • 800-832-6869
www.teledynemicrowave.com • microwave@teledyne.com
LS1502
LIMITING AND INSERTION LOSS CHARACTERISTICS (25 °C)
Output level at
Maximum Output
Bias
Limiting Threshold
Limiting Level
Insertion Loss
Insertion Loss
Voltage
(1 dB Compression)
(+20 dBm Input)
(500 MHz)
(1000 MHz)
Typ.
Max.
Typ.
Max.
Typ.
Max.
Typ.
Max.
+20 volts
-2.0 dBm
0.0 dBm
+2.0 dBm
+3.0 dBm
1.7 dB
2.0 dB
1.8 dB
2.2 dB
+15 volts
-2.5 dBm
-1.0 dBm
+1.0 dBm
+2.0 dBm
1.9 dB
2.2 dB
2.0 dB
2.4 dB
+10 volts
-4.0 dBm
-3.0 dBm
-1.0 dBm
0.0 dBm
2.3 dB
2.8 dB
2.5 dB
3.0 dB
+ 5 volts
-9.0 dBm
-7.0 dBm
3.1 dB
3.3 dB


Số phần tương tự - LC1502

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
LC150 MICROSEMI-LC150 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC150 MICROSEMI-LC150 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC150 MICROSEMI-LC150 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC150 NJSEMI-LC150 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Teledyne Technologies I...
LC1501 TELEDYNE-LC1501 Datasheet
132Kb / 1P
   50 TO 1500 MHz TO-8 CASCADABLE LC1501 SIGNAL LIMITER
More results

Mô tả tương tự - LC1502

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Teledyne Technologies I...
LC1501 TELEDYNE-LC1501 Datasheet
132Kb / 1P
   50 TO 1500 MHz TO-8 CASCADABLE LC1501 SIGNAL LIMITER
AC1529 TELEDYNE-AC1529 Datasheet
163Kb / 2P
   10 TO 1500 MHz 10 TO 1500 MHz
logo
List of Unclassifed Man...
AC1582 ETC-AC1582 Datasheet
80Kb / 1P
   5 TO 1500 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC1508 TELEDYNE-AC1508 Datasheet
177Kb / 2P
   10 TO 1500 MHz TO-8 CASCADABLE AMPLIFIER
AC1526 TELEDYNE-AC1526 Datasheet
161Kb / 2P
   10 TO 1500 MHz TO-8 CASCADABLE AMPLIFIER
AC1527 TELEDYNE-AC1527 Datasheet
162Kb / 2P
   10 TO 1500 MHz TO-8 CASCADABLE AMPLIFIERS
logo
List of Unclassifed Man...
AC1508 ETC1-AC1508 Datasheet
114Kb / 2P
   10 TO 1500 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC1523 TELEDYNE-AC1523 Datasheet
179Kb / 2P
   5 TO 1500 MHz TO-8 CASCADABLE AMPLIFIERS
AC1569 TELEDYNE-AC1569 Datasheet
162Kb / 2P
   10 TO 1500 MHz TO-8 CASCADABLE AMPLIFIER
AC1525 TELEDYNE-AC1525 Datasheet
179Kb / 2P
   5 TO 1500 MHz TO-8 CASCADABLE AMPLIFIERS
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com