công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM136AH-2.5RLQV bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM136AH-2.5RLQV
Giải thích chi tiết về linh kiện  LM136A-2.5QML 2.5V Reference Diode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM136AH-2.5RLQV bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM136AH-2.5RLQV Datasheet HTML 1Page - Texas Instruments LM136AH-2.5RLQV Datasheet HTML 2Page - Texas Instruments LM136AH-2.5RLQV Datasheet HTML 3Page - Texas Instruments LM136AH-2.5RLQV Datasheet HTML 4Page - Texas Instruments LM136AH-2.5RLQV Datasheet HTML 5Page - Texas Instruments LM136AH-2.5RLQV Datasheet HTML 6Page - Texas Instruments LM136AH-2.5RLQV Datasheet HTML 7Page - Texas Instruments LM136AH-2.5RLQV Datasheet HTML 8Page - Texas Instruments LM136AH-2.5RLQV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM136A-2.5QML, LM136A-2.5QML-SP
www.ti.com
SNOSAM3E – JULY 2007 – REVISED APPRIL 2013
LM136A-2.5QML 2.5V Reference Diode
Check for Samples: LM136A-2.5QML, LM136A-2.5QML-SP
1
FEATURES
DESCRIPTION
The LM136A-2.5QML integrated circuit is a precision
2
Available with Radiation Specification
2.5V shunt regulator diode. This monolithic IC voltage
Total Ionizing Dose 100 krad(Si)
reference operates as a low-temperature-coefficient
ELDRS Free 100 krad(Si)
2.5V zener with 0.2
Ω dynamic impedance. A third
terminal on the LM136A-2.5QML allows the reference
Low Temperature Coefficient
voltage and temperature coefficient to be trimmed
Wide Operating Current of 400
μA to 10 mA
easily.
Specified Temperature Stability
The LM136A-2.5QML is useful as a precision 2.5V
Easily Trimmed for Minimum Temperature Drift
low voltage reference for digital voltmeters, power
Fast Turn-on
supplies or op amp circuitry. The 2.5V make it
convenient to obtain a stable reference from 5V logic
3–Lead Transistor Package
supplies.
Further,
since
the
LM136A-2.5QML
operates as a shunt regulator, it can be used as
either a positive or negative voltage reference.
Connection Diagram
Bottom View
Figure 1. TO Package
See Package Number NDV0003H
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM136AH-2.5RLQV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM136AH-2.5RLQV NSC-LM136AH-2.5RLQV Datasheet
276Kb / 12P
   Reference Diode
LM136AH-2.5RLQV NSC-LM136AH-2.5RLQV Datasheet
311Kb / 14P
   Reference Diode
logo
Texas Instruments
LM136AH-2.5RLQV TI1-LM136AH-2.5RLQV Datasheet
304Kb / 16P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136AH-2.5RLQV TI1-LM136AH-2.5RLQV Datasheet
453Kb / 17P
[Old version datasheet]   2.5V Reference Diode
More results

Mô tả tương tự - LM136AH-2.5RLQV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM136A-2.5QML-SP TI-LM136A-2.5QML-SP_15 Datasheet
423Kb / 17P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML TI1-LM136A-2.5QML Datasheet
304Kb / 16P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML TI-LM136A-2.5QML_15 Datasheet
423Kb / 17P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM185-2.5QML TI1-LM185-2.5QML Datasheet
683Kb / 14P
[Old version datasheet]   LM185-2.5QML Micropower Voltage Reference Diode
LM136-5.0QML TI1-LM136-5.0QML Datasheet
293Kb / 16P
[Old version datasheet]   LM136A-5.0QML LM136-5.0QML 5.0V Reference Diode
logo
National Semiconductor ...
LM136 NSC-LM136 Datasheet
108Kb / 8P
   2.5V REFERENCE DIODE
logo
Texas Instruments
LM136A-2.5QML TI1-LM136A-2.5QML_16 Datasheet
453Kb / 17P
[Old version datasheet]   2.5V Reference Diode
logo
Linear Technology
LT1009 LINER-LT1009 Datasheet
140Kb / 8P
   2.5V Reference
RH1009 LINER-RH1009 Datasheet
125Kb / 2P
   2.5V Reference
LM136-2.5 LINER-LM136-2.5_15 Datasheet
137Kb / 4P
   2.5V Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com