công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA1-B0-34-630-121 bảng dữ liệu(PDF) 1 Page - Carling Technologies

tên linh kiện CA1-B0-34-630-121
Giải thích chi tiết về linh kiện  CIRCUIT BREAKER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CARLINGTECH [Carling Technologies]
Trang chủ  http://www.carlingtech.com/
Logo CARLINGTECH - Carling Technologies

CA1-B0-34-630-121 bảng dữ liệu(HTML) 1 Page - Carling Technologies

  CA1-B0-34-630-121 Datasheet HTML 1Page - Carling Technologies CA1-B0-34-630-121 Datasheet HTML 2Page - Carling Technologies CA1-B0-34-630-121 Datasheet HTML 3Page - Carling Technologies CA1-B0-34-630-121 Datasheet HTML 4Page - Carling Technologies CA1-B0-34-630-121 Datasheet HTML 5Page - Carling Technologies CA1-B0-34-630-121 Datasheet HTML 6Page - Carling Technologies CA1-B0-34-630-121 Datasheet HTML 7Page - Carling Technologies CA1-B0-34-630-121 Datasheet HTML 8Page - Carling Technologies CA1-B0-34-630-121 Datasheet HTML 9Page - Carling Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Carling Technologies, Inc.
60 Johnson Avenue, Plainville, CT 06062
Email: sales@carlingtech.com
Application Support: team2@carlingtech.com
Phone: 860.793.9281 Fax: 860.793.9231
www.carlingtech.com
C-Series
C-Series
CIRCUIT BREAKER
The C-Series hydraulic-magnetic circuit breakers are ideal for applications that require higher amperage and
voltage handling capability in a smaller package. They are available in 1-6 poles, 0.02-100amps, UL Recognized
up to 480VAC or 150VDC, UL489 Listed up to 240VAC or 125VDC, with choice of time delays, terminal
options, actuator styles and colors. The C-Series employs a unique arc chute design which allows for higher
interrupting capacities of up to 10,000 amps. New thermoset glass filled polyester half shell construction
provides for increased mechanical and electrical strength. The wiping contacts, mechanical linkage with two
step actuaction, clean contacts providing high, positive contact pressure and longer contact life. Available with
American Standard or Metric Threaded Stud terminals , or Saddle Clamp screw terminals. The optional mid-trip
handle style actuator allows a visual indication of electrical overload with or without alarm feature.
Product Highlights:
Š
Extensive list of Agency Approvals
Š
Available with Standard or Metric Stud terminals,
or Saddle Clamp screw terminals
Š
Optional mid-trip handle style actuator
Š
Unique arc chute design which allows for higher
interrupting capacities of up to 10,000 amps
Š
Exclusive Rockerguard and Push-To-Reset bezel
Š
Available with new solid color and two-color Visi-
rocker® actuators
Š
New thermoset glass filled polyester half shell
construction
Typical Applications:
Š
Marine
Š
Telecom/Datacom
Š
Military
Š
Renewable Energy
Š
Generators & Welders
Eco-Friendly
Resources:
Download 3D CAD Files
IGS
STP


Số phần tương tự - CA1-B0-34-630-121

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
CA1-12V-C PANASONIC-CA1-12V-C Datasheet
112Kb / 6P
   AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
CA1-12V-N PANASONIC-CA1-12V-N Datasheet
112Kb / 6P
   AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
CA1-24V-C PANASONIC-CA1-24V-C Datasheet
112Kb / 6P
   AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
CA1-24V-N PANASONIC-CA1-24V-N Datasheet
112Kb / 6P
   AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
logo
Nais(Matsushita Electri...
CA1-DC12V-C NAIS-CA1-DC12V-C Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
More results

Mô tả tương tự - CA1-B0-34-630-121

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Carling Technologies
MA1-B-34-615-1A26 CARLINGTECH-MA1-B-34-615-1A26 Datasheet
4Mb / 24P
   Circuit Breaker
logo
Qualtek Electronics Cor...
QMB-032-00ENN-3BA QUALTEK-QMB-032-00ENN-3BA Datasheet
382Kb / 1P
   CIRCUIT BREAKER
QMB-102-11C3N-3BA QUALTEK-QMB-102-11C3N-3BA Datasheet
387Kb / 1P
   CIRCUIT BREAKER
QLB-053-00DNN-3BA QUALTEK-QLB-053-00DNN-3BA Datasheet
392Kb / 1P
   CIRCUIT BREAKER
QLB-153-11B3N-3BA QUALTEK-QLB-153-11B3N-3BA Datasheet
396Kb / 1P
   CIRCUIT BREAKER
QMB-053-00ENN-3BA QUALTEK-QMB-053-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-033-00ENN-3BA QUALTEK-QMB-033-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-053-11C3N-3BA QUALTEK-QMB-053-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
QMB-103-11C3N-3BA QUALTEK-QMB-103-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
logo
Carling Technologies
EA2-B0-24-450-12A-CB CARLINGTECH-EA2-B0-24-450-12A-CB Datasheet
3Mb / 9P
   Circuit Breaker
FA2-B0-14-820-12A-BG CARLINGTECH-FA2-B0-14-820-12A-BG Datasheet
3Mb / 12P
   Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com