công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTB09N06F3 bảng dữ liệu(PDF) 9 Page - Cystech Electonics Corp.

tên linh kiện MTB09N06F3
Giải thích chi tiết về linh kiện  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYSTEKEC [Cystech Electonics Corp.]
Trang chủ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB09N06F3 bảng dữ liệu(HTML) 9 Page - Cystech Electonics Corp.

  MTB09N06F3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB09N06F3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB09N06F3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB09N06F3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB09N06F3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB09N06F3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB09N06F3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB09N06F3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB09N06F3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C912F3
Issued Date : 2017.03.30
Revised Date :
Page No. : 9/9
MTB09N06F3
CYStek Product Specification
TO-263 Dimension
Marking :
B09
N06
□□□□
Device Name
Millimeters
Inches
Millimeters
Inches
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
4.40
4.70
0.173
0.185
E
10.06
10.26
0.396
0.404
A1
0.00
0.25
0.000
0.010
E1
7.80
8.20
0.307
0.323
A2
2.59
2.79
0.102
0.110
e
2.54 BSC
0.100 BSC
b
0.77
0.90
0.030
0.035
H
14.70
15.50
0.579
0.610
b1
0.76
0.86
0.030
0.034
L
2.00
2.60
0.079
0.102
b2
1.23
1.36
0.048
0.054
L1
1.17
1.40
0.046
0.055
b3
1.22
1.32
0.048
0.052
L2
-
1.75
-
0.069
c
0.34
0.47
0.013
0.019
L3
0.25 BSC
0.010 BSC
c1
0.33
0.43
0.013
0.017
L4
2.00 REF
0.079 BSC
c2
1.22
1.32
0.048
0.052
θ
0
°
8
°
0
°
8
°
D
9.05
9.25
0.356
0.364
Θ1
5
°
9
°
5
°
9
°
D1
6.60
-
0.260
-
Θ2
1
°
5
°
1
°
5
°
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : Pure tin plated.
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Style : Pin 1.Gate 2.Drain
3.Source
3-Lead Plastic Surface Mounted Package
CYStek Package Code : F3
Date Code
Date Code : (From left to right)
First Code : Year code, the last digit of Christinr year. For example, 2014→4, 2015→, 2016→6, …, etc.
Second Code : Month code, Jan→A, Feb→B, Mar→C, Apr→D, May→E, Jun→F, Jul→G, Aug→H, Sep→J,
Oct→K, Nov→L, Dec→M
Third and fourth codes : production serial number, 01~99


Số phần tương tự - MTB09N06F3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cystech Electonics Corp...
MTB09N06FP CYSTEKEC-MTB09N06FP Datasheet
414Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB09N06FP-0-UB-S CYSTEKEC-MTB09N06FP-0-UB-S Datasheet
414Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
More results

Mô tả tương tự - MTB09N06F3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com