công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BA178M07T bảng dữ liệu(PDF) 1 Page - Rohm |
|
BA178M07T bảng dữ liệu(HTML) 1 Page - Rohm |
1 / 11 page BA178M!!T / BA178M!!FP series Regulator ICs Standard 78M series, 3-pin regulator BA178M!! !! !! !! T / BA178M!! !! !! !! FP series The BA178M!!T and BA178M!!FP series are 3-pin, fixed positive output voltage regulators. These regulators are used to provide a stabilized output voltage from a fluctuating DC input voltage. There are 11 fixed output voltages, as follows : 5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V, 18V, 20V, and 24V. The maximum current capacity is 0.5A for each of the above voltages. " " " " Application Constant voltage power supply " " " " Features 1) Built-in overcurrent protection circuit and thermal shutdown circuit. 2) Excellent ripple regulation. 3) Available in TO-220FP and TO252-3 packages, to meet wide range of applications. 4) Compatible with other manufacturers' regulators. 5) Richly diverse lineup. (5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V, 18V, 20V, 24 V) " " " " Product codes Output voltage (V) Product No. Output voltage (V) Product No. 512 615 718 820 924 10 −− BA178M05T / FP BA178M09T / FP BA178M10T / FP BA178M12T / FP BA178M15T / FP BA178M18T / FP BA178M20T / FP BA178M24T / FP BA178M06T / FP BA178M07T / FP BA178M08T / FP |
Số phần tương tự - BA178M07T |
|
Mô tả tương tự - BA178M07T |