công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BA178M00T bảng dữ liệu(PDF) 6 Page - Rohm |
|
BA178M00T bảng dữ liệu(HTML) 6 Page - Rohm |
6 / 11 page BA178M!!T / BA178M!!FP series Regulator ICs <BA178M10T / FP individual specifications> (unless otherwise noted, Ta=25 °C, VIN=16V, IO=350mA) Parameter Symbol Min. Typ. Max. Unit Conditions Measurement circuit VO1 9.6 10.0 10.4 V IO =350mA VO2 9.5 − 10.5 V Reg.I1 − 5 100 mV Reg.I2 − 250 mV R.R. 56 66 − dB Reg.L1 − 20 200 mV IO =5~500mA Reg.L2 − 10 100 mV IO =5~200mA TCVO −−0.5 − Vn − 100 −µVf=10Hz~100kHz Vd − 2.0 − VIO =500mA Ib − 4.5 6.0 mA IO =0mA Ib1 −− 0.5 mA IO =5~350mA Ib2 −− 0.8 mA IO −P − 875 − mA Tj =25 °C IOS − 0.17 − AVIN =30V VIN =12.5~25V, IO=5~350mA VIN =12.5~28V, IO=200mA VIN =14~26V, IO=200mA eIN =1Vrms, f=120Hz, IO=100mA IO =5mA, Tj=0~125 °C VIN =13~25V, IO=200mA mV/ °C Output voltage 1 Output voltage 2 Input stability 1 Input stability 2 Ripple rejection ratio Load regulation 1 Load regulation 2 Temperature coefficient of output voltage Output noise voltage Minimum I/O voltage differential Bias current Bias current change 1 Bias current change 2 Peak output current Output short-circuit current Fig.1 Fig.1 Fig.1 Fig.1 Fig.2 Fig.1 Fig.1 Fig.1 Fig.3 Fig.4 Fig.5 Fig.5 Fig.5 Fig.1 Fig.6 <BA178M12T / FP individual specifications> (unless otherwise noted, Ta=25 °C, VIN=19V, IO=350mA) Parameter Symbol Min. Typ. Max. Unit Conditions Measurement circuit VO1 11.5 12.0 12.5 V IO =350mA VO2 11.4 − 12.6 V Reg.I1 − 5 100 mV Reg.I2 − 350 mV R.R. 55 63 − dB Reg.L1 − 20 240 mV IO =5~500mA Reg.L2 − 10 120 mV IO =5~200mA TCVO −−0.5 − Vn − 110 −µVf=10Hz~100kHz Vd − 2.0 − VIO =500mA Ib − 4.5 6.0 mA IO =0mA Ib1 −− 0.5 mA IO =5~350mA Ib2 −− 0.8 mA IO −P − 875 − mA Tj =25 °C IOS − 0.17 − AVIN =30V VIN =15~27V, IO=5~350mA VIN =14.5~30V, IO=200mA VIN =16~30V, IO=200mA eIN =1Vrms, f=120Hz, IO=100mA IO =5mA, Tj=0~125 °C VIN =14.5~30V, IO=200mA mV/ °C Output voltage 1 Output voltage 2 Input stability 1 Input stability 2 Ripple rejection ratio Load regulation 1 Load regulation 2 Temperature coefficient of output voltage Output noise voltage Minimum I/O voltage differential Bias current Bias current change 1 Bias current change 2 Peak output current Output short-circuit current Fig.1 Fig.1 Fig.1 Fig.1 Fig.2 Fig.1 Fig.1 Fig.1 Fig.3 Fig.4 Fig.5 Fig.5 Fig.5 Fig.1 Fig.6 |
Số phần tương tự - BA178M00T |
|
Mô tả tương tự - BA178M00T |