công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FC0H224ZFTBR24 bảng dữ liệu(PDF) 1 Page - Kemet Corporation

tên linh kiện FC0H224ZFTBR24
Giải thích chi tiết về linh kiện  Supercapacitors, SMD Can, Commercial Grade, FC, 0.22 F, -20/80%, 5.5 V, V-Chip
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEMET [Kemet Corporation]
Trang chủ  http://www.kemet.com
Logo KEMET - Kemet Corporation

FC0H224ZFTBR24 bảng dữ liệu(HTML) 1 Page - Kemet Corporation

  FC0H224ZFTBR24 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 87ab6570-1f5a-4e38-96e7-bbd0ccec7691
KEMET Part Number: FC0H224ZFTBR24
(USCFC00H224ZBC, FC0H224ZF)
Supercapacitors, SMD Can, Commercial Grade, FC, 0.22 F, -20/+80%, 5.5 V, V-Chip
G
L
D
Side View
Bottom View
S
W
W
LT2
LT1
Top View
Polarily
Indicator
(Cathode)
W
Dimensions
D
10.5mm +/-0.5mm
L
8.5mm MAX
W
10.8mm +/-0.2mm
S
5mm NOM
G
0mm +0.3/-0.1mm
Packaging Specifications
Lead: V-Chip
Packaging: T&R, 380mm
General Information
Series: FC
Description: Surface Mount Double Layer
Capacitor
Features: Ultra Low ESR, High Power
Pulse
RoHS: Yes
Specifications
Capacitance: 0.22 F
Capacitance Tolerance: -20/+80%
Voltage DC: 5.5 VDC, 4.2 VDC (Holding
Voltage)
Temperature Range: -25/+70C
Rated Temperature: 70C
Resistance: 25000 mOhms (1kHz)
Current: 0.33 mAmps (30min)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Số phần tương tự - FC0H224ZFTBR24

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NEC
FC0H224ZFTBR24 NEC-FC0H224ZFTBR24 Datasheet
476Kb / 39P
   Super Capacitors
FC0H224ZFTBR24 NEC-FC0H224ZFTBR24 Datasheet
122Kb / 4P
   6. Rated Specifi cations 6.1 FC Series
logo
Kemet Corporation
FC0H224ZFTBR24 KEMET-FC0H224ZFTBR24 Datasheet
785Kb / 16P
   Supercapacitors FC Series
More results

Mô tả tương tự - FC0H224ZFTBR24

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kemet Corporation
FC0H104ZFTBR24 KEMET-FC0H104ZFTBR24 Datasheet
57Kb / 1P
   Supercapacitors, SMD Can, Commercial Grade, FC, 0.1 F, -20/80%, 5.5 V, V-Chip
FS0H224ZF KEMET-FS0H224ZF Datasheet
52Kb / 1P
   Supercapacitors, Radial Pin, Commercial Grade, FS, 0.22 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 5.08mm
FR0H224ZF KEMET-FR0H224ZF Datasheet
53Kb / 1P
   Supercapacitors, Radial Pin, Commercial Grade, FR, 0.22 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 5.08mm
FG0H224ZF KEMET-FG0H224ZF Datasheet
53Kb / 1P
   Supercapacitors, Radial Pin, Commercial Grade, FG, 0.22 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 5.08mm
FE0H224ZF KEMET-FE0H224ZF Datasheet
53Kb / 1P
   Supercapacitors, Radial Pin, Commercial Grade, FE, 0.22 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 7.6mm
FM0H224ZF KEMET-FM0H224ZF Datasheet
53Kb / 1P
   Supercapacitors, Radial Molded, Commercial Grade, FM, 0.22 F, -20/80%, 5.5 V, Wire Leads, Lead Spacing = 5mm
FGH0H224ZF KEMET-FGH0H224ZF Datasheet
53Kb / 1P
   Supercapacitors, Radial Pin, Commercial Grade, FGH, 0.22 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 5.08mm
FT0H224ZF KEMET-FT0H224ZF Datasheet
52Kb / 1P
   Supercapacitors, Radial Pin, Commercial Grade, FT, 0.22 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 5.08mm
FA1A224ZF KEMET-FA1A224ZF Datasheet
53Kb / 1P
   Supercapacitors, Radial Pin, Commercial Grade, FA, 0.22 F, -20/80%, 11 V, Pin Leads, Lead Spacing = 15mm
FM0V224ZF KEMET-FM0V224ZF Datasheet
54Kb / 1P
   Supercapacitors, Radial Molded, Commercial Grade, FM, 0.22 F, -20/80%, 3.5 V, Wire Leads, Lead Spacing = 5mm
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com