công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADC700RH bảng dữ liệu(PDF) 7 Page - Burr-Brown (TI) |
|
|
ADC700RH bảng dữ liệu(HTML) 7 Page - Burr-Brown (TI) |
7 / 12 page 7 ® ADC700 measurements, code transition values are the locations actu- ally measured for this spec. The ideal gain is V FSR –2LSB. Gain Error is expressed in % (of reading). See Figure 3. Gain Error of the ADC700 may be trimmed to zero using external trim potentiometers. Offset Error Unipolar Offset Error—The deviation of the actual code- midpoint value of the first code from the ideal value located at 1/2LSB below the ideal first transition value (i.e. at zero volts). Bipolar Offset Error—The deviation of the actual code- midpoint of the first code from the ideal value located at 1/2LSB below the ideal first transition value located at – VFS +1/2LSB. Again, transition values are the actual measured parameters. Offset and Zero errors of the ADC700 may be trimmed to zero using external trim potentiometers. Offset Error is expressed as a percentage of FSR. Bipolar Zero Error—The deviation of the actual mid- scale-code midpoint value from zero. Transition values are the actual measured parameter and it is 1/2 LSB below zero volts. The error is comprised of Bipolar Offset Error, 1/2 the Gain Error, and the Linearity Error of bit 1. Bipolar Zero Error is expressed as a percentage of FSR. Power Supply Sensitivity Power Supply Sensitivity describes the maximum change in the full-scale transition value from the initial value for a change in each power supply voltage. PSR is specified in units of %FSR/% change in each supply voltage. The major effect of power supply voltage deviations from the rated values will be a small change in the Gain (scale factor). Power Supply Sensitivity is also a function of ripple frequency. Figure 4 illustrates typical Power Supply Sensi- tivity performance of ADC700 versus ripple frequency. INSTALLATION POWER SUPPLY SELECTION Linear power supplies are preferred. Switching power sup- ply specifications may appear to indicate low noise output, but these specifications are rms specs. The spikes generated in switchers may be hard to filter. Their high-frequency components may be extremely difficult to keep out of the power supply return system. If switchers must be used, their outputs must be carefully filtered and the power supply itself should be shielded and located as far away as possible from precision analog circuits. LAYOUT CONSIDERATIONS Because of the high resolution and linearity of the ADC700, system design problems such as ground path resistance and contact resistance become very important. For a 16-bit resolution converter with a +10V Full-Scale Range, 1LSB is 153 µV. Circuit situations that cause only second- or third- order errors in 8-, 10-, or 12-bit A/D converters can induce first-order errors in 16-bit resolution devices. Power Supply Wiring Use heavy power supply and power supply common (ground) wiring. A ground plane is usually the best solution for preserving dynamic performance and reducing noise cou- pling into sensitive converter circuits. When passing converter power through a connector, use every available spare pin for making power supply return connections, and use some of the pins as a Faraday shield to separate the analog and digital common lines. Power Supply Returns (Analog Common and Digital Common) Connect Analog Common and Digital Common together right at the converter with the ground plane. This will usually give the best performance. However, it may cause problems for the system designer. Where it is absolutely necessary to separate analog and digital power supply returns, each should be separately returned to the power supply. Do not connect Analog Common and Digital Common together and then run a single wire to the power supply. Connect a 1 to 47 µF tantalum capacitor between Digital Common and Analog Common pins as close to the package as possible. Power Supply Bypassing Every power-supply line leading into an A/D converter must be bypassed to its common pin. The bypass capacitor should be located as close to the converter package as possible and tied to a solid ground—connecting the capacitors to a noisy ground defeats the purpose of the bypass. Use tantalum capacitors with values of from 10 µF to 100µF and parallel them with smaller ceramic capacitors for high frequency filtering if necessary. Separate Analog and Digital Signals Digital signals entering or leaving the layout should have minimum length to minimize crosstalk to analog wiring. Keep analog signals as far away as possible from digital signals. If they must cross, cross them at right angles. Coaxial cable may be necessary for analog inputs in some situations. Shield Other Sensitive Points The most critical of these is the comparator input (pin 1). If this pin is not used for offset adjustment, then it should be surrounded with ground plane or low-impedance power FIGURE 4. Power Supply Rejection Ripple vs Frequency. 1 Frequency (Hz) 10 100 1k 10k 100k 0.1 0.01 0.001 –V CC +V DD +V CC |
Số phần tương tự - ADC700RH |
|
Mô tả tương tự - ADC700RH |