công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5170BRM2.5 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD5170BRM2.5
Giải thích chi tiết về linh kiện  256-Position Two-Time Programmable I2C Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5170BRM2.5 bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD5170BRM2.5 Datasheet HTML 1Page - Analog Devices AD5170BRM2.5 Datasheet HTML 2Page - Analog Devices AD5170BRM2.5 Datasheet HTML 3Page - Analog Devices AD5170BRM2.5 Datasheet HTML 4Page - Analog Devices AD5170BRM2.5 Datasheet HTML 5Page - Analog Devices AD5170BRM2.5 Datasheet HTML 6Page - Analog Devices AD5170BRM2.5 Datasheet HTML 7Page - Analog Devices AD5170BRM2.5 Datasheet HTML 8Page - Analog Devices AD5170BRM2.5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5170
Rev. A | Page 4 of 24
ELECTRICAL CHARACTERISTICS — 10 kΩ, 50 kΩ, 100 kΩ VERSIONS
VDD = 5 V ± 10% or 3 V ± 10%, VA = VDD; VB = 0 V, –40°C < TA < +125°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS—RHEOSTAT MODE
Resistor Differential Nonlinearity2
R-DNL
RWB, VA = no connect
–1
±0.1
+1
LSB
Resistor Integral Nonlinearity2
R-INL
RWB, VA = no connect
–2.5
±0.25
+2.5
LSB
Nominal Resistor Tolerance3
∆RAB
TA = 25°C
–20
+20
%
Resistance Temperature Coefficient
(∆RAB/RAB)/∆T
VAB = VDD, wiper = no connect
35
ppm/°C
RWB (Wiper Resistance)
RWB
Code = 0x00, VDD = 5 V
160
200
DC CHARACTERISTICS — POTENTIOMETER DIVIDER MODE (Specifications apply to all VRs)
Differential Nonlinearity4
DNL
–1
±0.1
+1
LSB
Integral Nonlinearity4
INL
–1
±0.3
+1
LSB
Voltage Divider Temperature
Coefficient
(∆VW/VW)/∆T
Code = 0x80
15
ppm/°C
Full-Scale Error
VWFSE
Code = 0xFF
–2.5
–1
0
LSB
Zero-Scale Error
VWZSE
Code = 0x00
0
1
2.5
LSB
RESISTOR TERMINALS
Voltage Range5
VA,VB,VW
GND
VDD
V
Capacitance6 A, B
CA, CB
f = 1 MHz, measured to GND, code = 0x80
45
pF
Capacitance6 W
CW
f = 1 MHz, measured to GND, code = 0x80
60
pF
Shutdown Supply Current7
IA_SD
VDD = 5.5 V
0.01
1
µA
Common-Mode Leakage
ICM
VA = VB = VDD/2
1
nA
DIGITAL INPUTS AND OUTPUTS
Input Logic High
VIH
VDD = 5 V
2.4
V
Input Logic Low
VIL
VDD = 5 V
0.8
V
Input Logic High
VIH
VDD = 3 V
2.1
V
Input Logic Low
VIL
VDD = 3 V
0.6
V
Input Current
IIL
VIN = 0 V or 5 V
±1
µA
Input Capacitance6
CIL
5
pF
POWER SUPPLIES
Power Supply Range
VDD RANGE
2.7
5.5
V
OTP Supply Voltage8
VDD_OTP
5.25
5.5
V
Supply Current
IDD
VIH = 5 V or VIL = 0 V
3.5
6
µA
OTP Supply Current9
IDD_OTP
VDD_OTP = 5.5 V, TA = 25°C
100
mA
Power Dissipation10
PDISS
VIH = 5 V or VIL = 0 V, VDD = 5 V
30
µW
Power Supply Sensitivity
PSS
VDD = 5 V ± 10%, code = midscale
±0.02
±0.08
%/%
DYNAMIC CHARACTERISTICS11
Bandwidth –3 dB
BW
RAB = 10 kΩ, code = 0x80
600
kHz
RAB = 50 kΩ, code = 0x80
100
kHz
RAB = 100 kΩ, code = 0x80
40
kHz
Total Harmonic Distortion
THDW
VA =1 V rms, VB = 0 V, f = 1 kHz, RAB = 10 kΩ
0.1
%
VW Settling Time
(10 kΩ/50 kΩ/100 kΩ)
tS
VA = 5 V, VB = 0 V, ±1 LSB error band
2
µs
Resistor Noise Voltage Density
eN_WB
RWB = 5 kΩ, RS = 0
9
nV/√Hz
1 Typical specifications represent average readings at 25°C and VDD = 5 V.
2 Resistor position nonlinearity error, R-INL, is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from ideal between successive tap positions. Parts are guaranteed monotonic.
3 VAB = VDD, Wiper (VW) = no connect.
4 INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output D/A converter. VA = VDD and VB = 0 V.
DNL specification limits of ±1 LSB maximum are guaranteed monotonic operating conditions.
5 Resistor terminals A, B, W have no limitations on polarity with respect to each other.
6 Guaranteed by design and not subject to production test.
7 Measured at the A terminal. The A terminal is open circuited in shutdown mode.
8 Different from operating power supply, power supply OTP is used one time only.
9 Different from operating current, supply current for OTP lasts approximately 400 ms for one time only.
10 PDISS is calculated from (IDD × VDD). CMOS logic level inputs result in minimum power dissipation.
11 All dynamic characteristics use VDD = 5 V.


Số phần tương tự - AD5170BRM2.5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD517 AD-AD517 Datasheet
312Kb / 6P
   Low Cost, Laser Trimmed, Precision IC Op Amp
REV. A
AD5171 AD-AD5171 Datasheet
1Mb / 20P
   64-Position OTP Digital Potentiometer
Rev. PrC
AD5171 AD-AD5171 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5171BRJ10-R2 AD-AD5171BRJ10-R2 Datasheet
1Mb / 20P
   64-Position OTP Digital Potentiometer
Rev. PrC
AD5171BRJ10-R2 AD-AD5171BRJ10-R2 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
More results

Mô tả tương tự - AD5170BRM2.5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5173BRMZ2.5 AD-AD5173BRMZ2.5 Datasheet
864Kb / 24P
   256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
AD5161BRMZ10 AD-AD5161BRMZ10 Datasheet
503Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5259 AD-AD5259 Datasheet
245Kb / 14P
   Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Rev. PrJ 7/22/04
AD5161 AD-AD5161 Datasheet
1,002Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
AD5172 AD-AD5172 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com