công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MV1060J473MAA1 bảng dữ liệu(PDF) 1 Page - AVX Corporation

tên linh kiện MV1060J473MAA1
Giải thích chi tiết về linh kiện  Varistor/Capacitor Combination for EMI/Surge Suppression
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVX [AVX Corporation]
Trang chủ  http://www.avx.com
Logo AVX - AVX Corporation

MV1060J473MAA1 bảng dữ liệu(HTML) 1 Page - AVX Corporation

  MV1060J473MAA1 Datasheet HTML 1Page - AVX Corporation MV1060J473MAA1 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAY 2015
133
Surface Mount CapGuard
TM
Varistor/Capacitor Combination for EMI/Surge Suppression
AVX’s surface mount CapGuard
TM products are designed to provide both
transient voltage protection and EMI/RFI suppression for electronic circuits.
CapGuards are ideally suited to filter out EMI/RFI noise generated by switch
mode power supplies or motors on DC lines or I/O lines in electronic
circuits. With multilayer varistor (MLV) utilized in CapGuard product,
effective transient voltage protection is achieved to protect sensitive
electronics from high voltage transients. The capacitor, on the other hand,
absorbs high frequency noise on the line. The MLCC capacitors are
designed with temperature stable X7R dielectric, allowing for wide
temperature use with good capacitance stability. The surface mount
CapGuards are characterized with a very small form factor to minimize
board space. The parts are assembled using high melting point solder
(268ºC solidus / 290ºC liquidus) allowing for standard reflow processing
during board level assembly without a risk of reflowing HMP solder.
MV
Product
Designation
MLCC/Varistor
(MLV)
10
Component
Style
1210
J
Transient
Energy
Rating
J = 1.5 - 1.6J
H = 1.2J
18
Working
Voltage
18 = 18V
26 = 26V
48 = 48V
60 = 60V
104
Capacitance
Code
(2 significant digits
+ no. of zeros)
Examples:
0.012μF = 123
0.047μF = 473
0.1μF = 104
M
Tolerance
M = ±20%
A
Specification
Code
A = Standard
A
Termination
HMP
1
Packaging
T&R
HOW TO ORDER
PRODUCT OFFERING
Operating
Nominal
Breakdown
Clamping
Current
Transient
Peak
Typical
Voltage
Breakdown
Voltage
Voltage
for Clamping
Energy
Current
Capacitance
(V)
Voltage
Range
(V)
Voltage
(J)
(Amp)
(uF)
(V)
(V)
(Amp)
MV1018J123MAA1
18
25
23 - 28
42
5
1.6
500
0.012
MV1018J473MAA1
18
25
23 - 28
42
5
1.6
500
0.047
MV1018J104MAA1
18
25
23 - 28
42
5
1.6
500
0.1
MV1026H123MAA1
26
34.5
31 - 38
60
5
1.2
300
0.012
MV1026H473MAA1
26
34.5
31 - 38
60
5
1.2
300
0.047
MV1026H104MAA1
26
34.5
31 - 38
60
5
1.2
300
0.1
MV1048H123MAA1
48
62
55 - 69
100
5
1.2
250
0.012
MV1048H473MAA1
48
62
55 - 69
100
5
1.2
250
0.047
MV1048H104MAA1
48
62
55 - 69
100
5
1.2
250
0.1
MV1060J123MAA1
60
76
68 - 84
120
5
1.5
250
0.012
MV1060J473MAA1
60
76
68 - 84
120
5
1.5
250
0.047
MV1060J104MAA1
60
76
68 - 84
120
5
1.5
250
0.1


Số phần tương tự - MV1060J473MAA1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shindengen Electric Mfg...
MV1001SC SHINDENGEN-MV1001SC Datasheet
1Mb / 35P
   LED driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
   LED driver IC
logo
Shindengen Electric Mfg...
MV1011SC SHINDENGEN-MV1011SC Datasheet
1Mb / 35P
   LED driver IC
MV1012SC SHINDENGEN-MV1012SC Datasheet
1Mb / 33P
   LED driver IC
logo
ON Semiconductor
MV104 ONSEMI-MV104 Datasheet
37Kb / 4P
   Silicon Tuning Diode
March, 2001 ??Rev. 2
More results

Mô tả tương tự - MV1060J473MAA1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MERITEK ELECTRONICS COR...
MEY MERITEK-MEY Datasheet
164Kb / 1P
   EMI Suppression Capacitor
MEX MERITEK-MEX Datasheet
171Kb / 1P
   EMI Suppression Capacitor
logo
List of Unclassifed Man...
MV04E050T101 ETC-MV04E050T101 Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
MV04L04T-080 ETC-MV04L04T-080 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
logo
Murata Manufacturing Co...
VFC2HL81D474K2K1 MURATA1-VFC2HL81D474K2K1_V01 Datasheet
204Kb / 3P
   VFC2H series is EMI suppression filters of lead type that combines the varistor and capacitor.
08/24/2022
VFC2HR71C474K1M1 MURATA1-VFC2HR71C474K1M1_V01 Datasheet
253Kb / 3P
   VFC2H series is EMI suppression filters of lead type that combines the varistor and capacitor
08/24/2022
VFC2HR71J104K6K1 MURATA1-VFC2HR71J104K6K1_V01 Datasheet
204Kb / 3P
   VFC2H series is EMI suppression filters of lead type that combines the varistor and capacitor.
08/24/2022
VFC2HL81C474K1M1 MURATA1-VFC2HL81C474K1M1_V01 Datasheet
253Kb / 3P
   VFC2H series is EMI suppression filters of lead type that combines the varistor and capacitor.
08/24/2022
VFC2HR71C474K1K1 MURATA1-VFC2HR71C474K1K1_V01 Datasheet
204Kb / 3P
   VFC2H series is EMI suppression filters of lead type that combines the varistor and capacitor.
08/24/2022
VFC2HR71E474K3K1 MURATA1-VFC2HR71E474K3K1_V01 Datasheet
204Kb / 3P
   VFC2H series is EMI suppression filters of lead type that combines the varistor and capacitor.
08/24/2022
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com