công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74456022 bảng dữ liệu(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 74456022
Giải thích chi tiết về linh kiện  WE-PD4 SMD Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74456022 bảng dữ liệu(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74456022 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74456022 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74456022 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74456022 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74456022 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74456022 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2.4
2.3
2.2
2.1
2.0
REV
2015-05-18
2014-06-24
2014-03-27
2014-03-10
2006-09-27
DATE
SSt
SSt
SSt
SSt
SSt
BY
ALa
SSt
SSt
ALa
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-PD4 SMD Power Inductor
Order.- No.
74456022
SIZE
A4
Size: Type L
A Dimensions: [mm]
Reference on drawing
Marking
Description
Start of winding
2R2 (Inductance Code)
B Recommended land pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated current
Saturation current
DC Resistance
DC Resistance
Self resonant frequency
Test conditions
100 kHz/ 100 mV
∆T = 40 K
|ΔL/L| < 10%
@ 20°C
@ 20°C
L
IR
Isat
RDC
RDC
fres
Value
2.2
6.5
10.2
0.007
0.011
63
Unit
µH
A
A
Ω
Ω
MHz
Tol.
±20%
max.
typ.
typ.
max.
typ.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
•Ambient temperature: -40°C to +85°C (refering to IR)
•Operating temperature: -40°C to +125°C
•Storage temperature (on tape & reel): -20°C to +40°C; 75% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Số phần tương tự - 74456022

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
74456025 WURTH-74456025 Datasheet
138Kb / 3P
   POWER-CHOKE WE-PD 4
More results

Mô tả tương tự - 74456022

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
74455122 WURTH-74455122_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74456147 WURTH-74456147_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74456056 WURTH-74456056_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74458115 WURTH-74458115_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74455068 WURTH-74455068_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74456082 WURTH-74456082_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74456222 WURTH-74456222_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74457115 WURTH-74457115_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74458122 WURTH-74458122_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74456015 WURTH-74456015_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com