công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STD5407NT4G bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện STD5407NT4G
Giải thích chi tiết về linh kiện  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STD5407NT4G bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  STD5407NT4G Datasheet HTML 1Page - ON Semiconductor STD5407NT4G Datasheet HTML 2Page - ON Semiconductor STD5407NT4G Datasheet HTML 3Page - ON Semiconductor STD5407NT4G Datasheet HTML 4Page - ON Semiconductor STD5407NT4G Datasheet HTML 5Page - ON Semiconductor STD5407NT4G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTD5407N, STD5407N, NVD5407N
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
40
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
39
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 40 V
TJ = 25°C
1.0
mA
TJ = 100°C
10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±30 V
±100
nA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.5
3.5
V
Gate Threshold Temperature
Coefficient
VGS(TH)/TJ
−6.0
mV/
°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V, ID = 20 A
21
26
m
W
VGS = 5.0 V, ID = 10 A
32
40
Forward Transconductance
gFS
VGS = 10 V, ID = 18 A
15
S
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz,
VDS = 32 V
615
1000
pF
Output Capacitance
COSS
173
Reverse Transfer Capacitance
CRSS
80
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 32 V,
ID = 38 A
20
nC
Gate−to−Source Charge
QGS
2.25
Gate−to−Drain Charge
QGD
10.5
SWITCHING CHARACTERISTICS, VGS = 10 V (Note 3)
Turn−On Delay Time
td(ON)
VGS = 10 V, VDD = 32 V,
ID = 38 A, RG = 2.5 W
6.8
ns
Rise Time
tr
17
Turn−Off Delay Time
td(OFF)
66
Fall Time
tf
51
SWITCHING CHARACTERISTICS, VGS = 5 V (Note 3)
Turn−On Delay Time
td(ON)
VGS = 5 V, VDD = 20 V,
ID = 20 A, RG = 2.5 W
10
ns
Rise Time
tr
175
Turn−Off Delay Time
td(OFF)
13
Fall Time
tf
23
DRAIN−SOURCE DIODE CHARACTERISTICS (Note 2)
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 5.0 A
TJ = 25°C
0.9
1.1
V
TJ = 125°C
0.75
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 15 A
38
ns
Charge Time
ta
20.5
Discharge Time
tb
17
Reverse Recovery Charge
QRR
40
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Pulse Test: pulse width
≤ 300 ms, duty cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperatures.


Số phần tương tự - STD5407NT4G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
STD5407N ONSEMI-STD5407N Datasheet
120Kb / 6P
   40 V, 38 A, Single N-Channel, DPAK
July, 2013 ??Rev. 5
More results

Mô tả tương tự - STD5407NT4G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com