công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L-07W1N8SV4T bảng dữ liệu(PDF) 2 Page - Johanson Technology Inc.

tên linh kiện L-07W1N8SV4T
Giải thích chi tiết về linh kiện  RF WIREWOUND CHIP INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JOHANSON [Johanson Technology Inc.]
Trang chủ  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

L-07W1N8SV4T bảng dữ liệu(HTML) 2 Page - Johanson Technology Inc.

  L-07W1N8SV4T Datasheet HTML 1Page - Johanson Technology Inc. L-07W1N8SV4T Datasheet HTML 2Page - Johanson Technology Inc. L-07W1N8SV4T Datasheet HTML 3Page - Johanson Technology Inc. L-07W1N8SV4T Datasheet HTML 4Page - Johanson Technology Inc. L-07W1N8SV4T Datasheet HTML 5Page - Johanson Technology Inc. L-07W1N8SV4T Datasheet HTML 6Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
23
www.johansontechnology.com
RF wiRewounD CHip inDuCToR SeleCTion CHaRT
See web page for WireWound Inductor Product Detail
Summary by part number
0402
(L-07)
0603
(L-14)
0805
(L-15)
Core
Type
Inductance
Toler-
ance
Rated
Current
Toler-
ance
Rated
Current
Toler-
ance
Rated
Current
nH
Code
1.0
1N0
C, S 1360 mA
1.2
1N2
C, S 1300 mA
1.6
1N6
C, S
700 mA
1.8
1N8
C, S 1040 mA C, S
700 mA
1.9
1N9
C, S 1040 mA
2.0
2N0
C, S 1040 mA C, S
700 mA
2.2
2N2
C, S
960 mA
C, S 800 mA
2.4
2N4
C, S
790 mA
2.6
2N6
C, S
640 mA
2.7
2N7
C, S
640 mA
C, S 800 mA
3.3
3N3
C, J, K 840 mA
C, S
700 mA C, S 800 mA
3.6
3N6
C, J, K 840 mA
C, S
700 mA
3.9
3N9
C, J, K 840 mA
C, S
700 mA C, S 600 mA
4.3
4N3
C, J, K 700 mA
C, S
700 mA
4.7
4N7
C, J, K 640 mA
C, S
700 mA C, S 600 mA
5.1
5N1
C, J, K 800 mA C, J, K 700 mA
5.6
5N6
C, J, K 760 mA C, J, K 700 mA C, J, K 600 mA
6.2
6N2
C, J, K 760 mA
6.8
6N8
C, J, K 680 mA C, J, K 700 mA C, G J, K 600 mA
7.5
7N5
C, J, K 680 mA C, J, K 700 mA
J, K
600 mA
8.2
8N2
C, J, K 680 mA C, J, K 700 mA C, G, J, K 600 mA
8.7
8N7
C, J, K 480 mA C, J, K 700 mA
9.0
9N0
C, J, K 680 mA
9.5
9N5
C, J, K 680 mA C, J, K 700 mA
10
10N
G, J, K 480 mA G, J, K 700 mA G, J, K 600 mA
11
11N
G, J, K 640 mA G, J, K 700 mA
12
12N
G, J, K 640 mA G, J, K 700 mA G, J, K 600 mA
13
13N
G, J, K 560 mA
J, K
600 mA
15
15N
G, J, K 560 mA G, J, K 700 mA G, J, K 600 mA
16
16N
G, J, K 560 mA G, J, K 700 mA G, J, K 600 mA
18
18N
G, J, K 420 mA G, J, K 700 mA G, J, K 600 mA
19
19N
G, J, K 480 mA
20
20N
G, J, K 420 mA G, J, K 700 mA G, J, K 600 mA
22
22N
G, J, K 400 mA G, J, K 700 mA G, J, K 600 mA
23
23N
G, J, K 400 mA G, J, K 700 mA
24
24N
G, J, K 400 mA G, J, K 700 mA
J, K
600 mA
27
27N
G, J, K 400 mA G, J, K 600 mA G, J, K 600 mA
30
30N
G, J, K 400 mA G, J, K 700 mA
33
33N
G, J, K 400 mA G, J, K 600 mA G, J, K 500 mA
36
36N
G, J, K 320 mA
J, K
600 mA
39
39N
G, J, K 320 mA G, J, K 600 mA G, J, K 500 mA
40
40N
G, J, K 320 mA
43
43N
G, J, K 100 mA G, J, K 700 mA
J, K
600 mA
47
47N
G, J, K 100 mA G, J, K 600 mA G, J, K 500 mA
51
51N
J, K
100 mA G, J, K 600 mA
J, K
600 mA
56
56N
J, K
100 mA G, J, K 600 mA G, J, K 500 mA
68
68N
J, K
100 mA G, J, K 600 mA G, J, K 500 mA
72
72N
G, J, K 400 mA
82
82N
J, K
100 mA G, J, K 400 mA G, J, K 500 mA
100
R10
J, K
100 mA G, J, K 400 mA G, J, K 500 mA
110
R11
J, K
100 mA
120
R12
J, K
100 mA G, J, K 300 mA G, J, K 500 mA
150
R15
G, J, K 280 mA G, J, K 400 mA
180
R18
G, J, K 240 mA G, J, K 400 mA
220
R22
G, J, K 200 mA G, J, K 400 mA
270
R27
G, J, K 170 mA G, J, K 350 mA
EIA Size
Inductor
Value
0402
(L-07)
0603
(L-14)
0805
(L-15)
Core
Type
Inductance
Toler-
ance
Rated
Current
Toler-
ance
Rated
Current
Toler-
ance
Rated
Current
nH
Code
330
R33
J, K
150 mA G, J, K 300 mA
Ceramic
390
R39
J, K
100 mA G, J, K 210 mA
470
R47
J, K
100 mA
J, K
500 mA
560
R56
J, K
450 mA
680
R68
J, K
400 mA
820
R82
J, K
300 mA
1000
1R0
J, K
180 mA
1200
1R2
J, K
150 mA
1500
1R5
J, K
130 mA
1800
1R8
J, K
120 mA
2200
2R2
J, K
110 mA
2700
2R7
J, K
100 mA
3300
3R3
J, K
210 mA
3900
3R9
J, K
200 mA
4700
4R7
J, K
180 mA
5600
5R6
J, K
160 mA
6800
6R8
J, K
130 mA
8200
8R2
J, K
120 mA
10000 10R
J, K
80 mA
Consult factory for Non-Standard values.
EIA Size
Inductor
Value


Số phần tương tự - L-07W1N8SV4T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cooper Bussmann, Inc.
L-07W1N8SV4T COOPER-L-07W1N8SV4T Datasheet
663Kb / 6P
   RF Wirewound Chip Inductors
More results

Mô tả tương tự - L-07W1N8SV4T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Johanson Technology Inc...
L-14W5N6CV4E JOHANSON-L-14W5N6CV4E Datasheet
692Kb / 6P
   RF WIREWOUND CHIP INDUCTORS
L-14WR22JV4E JOHANSON-L-14WR22JV4E Datasheet
692Kb / 6P
   RF WIREWOUND CHIP INDUCTORS
logo
Cooper Bussmann, Inc.
L-07W4N3SV4T COOPER-L-07W4N3SV4T Datasheet
663Kb / 6P
   RF Wirewound Chip Inductors
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com