công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TA2123AF bảng dữ liệu(PDF) 10 Page - Toshiba Semiconductor

tên linh kiện TA2123AF
Giải thích chi tiết về linh kiện  1.5V Stereo Headphone Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2123AF bảng dữ liệu(HTML) 10 Page - Toshiba Semiconductor

Back Button TA2123AF Datasheet HTML 6Page - Toshiba Semiconductor TA2123AF Datasheet HTML 7Page - Toshiba Semiconductor TA2123AF Datasheet HTML 8Page - Toshiba Semiconductor TA2123AF Datasheet HTML 9Page - Toshiba Semiconductor TA2123AF Datasheet HTML 10Page - Toshiba Semiconductor TA2123AF Datasheet HTML 11Page - Toshiba Semiconductor TA2123AF Datasheet HTML 12Page - Toshiba Semiconductor TA2123AF Datasheet HTML 13Page - Toshiba Semiconductor TA2123AF Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TA2123AF
2002-10-30
10
(b) AGC circuit
The AGC circuit of bass boost function is realized by the variable impedance circuit. The AGC DET
circuit detects the low frequency level of center amplifier. When this level becomes high, the variable
impedance circuit operates, and this circuit attenuates the input level of center amplifier.
The AGC DET circuit is the current input, so that the output voltage of ADD amplifier is changed into
the current ingredient by resistor Rb and capacitor C5 which are shown in Fig.3. And it is smoothed
and detected by DET circuit (pin 36). And the direct current should not be applied to the AGC IN
circuit, because, as for the circuit, the sensitivity setup is high.
Moreover, the AGC signal level is decreased in case that the resistor R5 is connected with the
capacitor C5 in series. And the AGC point can be changed. But the center amplifier is clipped in the
low frequency in case that the resistor R5 is larger.
(c) Bass boost
The signal flow of bass boost function is as follows, refer to Fig.4.
LPF (internal resistors 2R1 and external capacitor C1)
→ATT (variable impedance circuit)
→HPF (BST amplifier)
→BPF (LPF: internal resistor R4 and external capacitor C3, HPF: external capacitor C4 and internal
resistor R5)
→Center amplifier
The center amplifier signal becomes the reverse phase, because the phase of audio frequency range
is reversed with two LPFs.
Fig.4
Block diagram of bass boost
20kΩ
20kΩ
2R1
2R1
ATT
BST
R2 = 100kΩ
R4 = 20kΩ
C4
PWA
PWC
27
28
31
34
33
32
20
21
A2
G3(ω)
BPF
G2(ω)
HPF
A1
G1(ω)
LPF


Số phần tương tự - TA2123AF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TA2120 TOSHIBA-TA2120 Datasheet
555Kb / 16P
   LOW CONSUMPTION CURRENT STEREO GEADPHONE POWER AMPLIFIER FOR PORTABLE CD (3V USE)
logo
TAI-SAW TECHNOLOGY CO.,...
TA2120A TAI-SAW-TA2120A Datasheet
420Kb / 7P
   SAW Filter 2491.75 MHz SMD 3.0횞3.0 mm (BW=16.5 MHz)
logo
Transko Electronics, In...
TA2120AM TRANSKO-TA2120AM Datasheet
430Kb / 4P
   Wireless, RF SAW Filter
Revision 0: January 2009
logo
Toshiba Semiconductor
TA2120FN TOSHIBA-TA2120FN Datasheet
555Kb / 16P
   LOW CONSUMPTION CURRENT STEREO GEADPHONE POWER AMPLIFIER FOR PORTABLE CD (3V USE)
TA2120FNG TOSHIBA-TA2120FNG Datasheet
253Kb / 17P
   Low Consumption Current Stereo Headphone Power Amplifier for Portable CD (3V Use)
More results

Mô tả tương tự - TA2123AF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TA8159FN TOSHIBA-TA8159FN Datasheet
459Kb / 12P
   1.5V STEREO HEADPHONE AMPLIFIER
TA8145FN TOSHIBA-TA8145FN Datasheet
312Kb / 8P
   STEREO HEADPHONE AMPLIFIER (1.5V USE)
logo
Sanyo Semicon Device
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
   For 1.5V Headphone Stereo Power Amplifier
logo
Toshiba Semiconductor
TA8157AF TOSHIBA-TA8157AF Datasheet
484Kb / 14P
   STEREO HEADPHONE POWER AMPLIFIER (1.5V USE)
TA8106F TOSHIBA-TA8106F Datasheet
420Kb / 8P
   STEREO HEADPHONE POWER AMPLIFIER (1.5V USE)
logo
Sanyo Semicon Device
LA4535M SANYO-LA4535M_08 Datasheet
173Kb / 4P
   For 1.5V Headphone Stereo Power Amplifier
LA4589W SANYO-LA4589W Datasheet
261Kb / 12P
   1.5V Stereo Headphone Preamplifier and Power Amplifier
LA4590W SANYO-LA4590W Datasheet
415Kb / 19P
   1.5V Stereo Headphone Preamplifier and Power Amplifier?
logo
KEC(Korea Electronics)
KIA8159FN KEC-KIA8159FN Datasheet
237Kb / 10P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (1.5V STEREO HEADPHONE AMPLIFIER)
logo
Sanyo Semicon Device
LA4535M SANYO-LA4535M Datasheet
68Kb / 3P
   Power Amp For 1.5V Headphone Stereo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com