công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TA2123AF bảng dữ liệu(PDF) 1 Page - Toshiba Semiconductor

tên linh kiện TA2123AF
Giải thích chi tiết về linh kiện  1.5V Stereo Headphone Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2123AF bảng dữ liệu(HTML) 1 Page - Toshiba Semiconductor

  TA2123AF Datasheet HTML 1Page - Toshiba Semiconductor TA2123AF Datasheet HTML 2Page - Toshiba Semiconductor TA2123AF Datasheet HTML 3Page - Toshiba Semiconductor TA2123AF Datasheet HTML 4Page - Toshiba Semiconductor TA2123AF Datasheet HTML 5Page - Toshiba Semiconductor TA2123AF Datasheet HTML 6Page - Toshiba Semiconductor TA2123AF Datasheet HTML 7Page - Toshiba Semiconductor TA2123AF Datasheet HTML 8Page - Toshiba Semiconductor TA2123AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TA2123AF
2002-10-30
1
TOSHIBA Bipolar Integrated Circuit Silicon Monolithic
TA2123AF
1.5V Stereo Headphone Amplifier
The TA2123AF is the system amplifier IC which is developed
for playback stereo headphone equipments. It is built in dual
auto−reverse preamplifiers, dual power amplifiers with bass /
treble boost function, AMS (automatic music sensor) function,
beep function, AGC for power amplifier etc.
Features
· Power amplifier stage
· In case of output coupling type, the supply current
decreases.
(built−in center amplifier switch)
· Built−in bass boost function
· Built−in treble boost function
· Built−in power amplifier muting function
· Built−in input terminal for beep signal
· Built−in input capacitor for reducing buzz noise
· GV = 24dB (typ.)
· Built−in AGC circuit (in case of boost mode, this circuit operates.)
· Low supply current
(VCC = 1.3V, f = 1kHz, RL = 32Ω, Ta = 25°C, typ.)
No Signal
0.1mW × 2
0.5mW × 2
Output coupling type
1.5mA
3.0mA
5.0mA
OCL type
2.2mA
4.9mA
8.6mA
· Preamplifier stage
· Auto-reverse compatible
· Built-in input capacitor for reducing buzz noise
· Input coupling condensor-less
· Built-in metal mode drivers
· Preamplifier muting function
· Built-in ripple filter circuit
· Built-in AMS (automatic music sensor) function (mixer amplifier and level comparator)
· Built-in power switch
· Operating supply voltage range (Ta = 25°C)
VCC (opr) = 0.95~2.2V
Weight: 0.17g (typ.)


Số phần tương tự - TA2123AF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TA2120 TOSHIBA-TA2120 Datasheet
555Kb / 16P
   LOW CONSUMPTION CURRENT STEREO GEADPHONE POWER AMPLIFIER FOR PORTABLE CD (3V USE)
logo
TAI-SAW TECHNOLOGY CO.,...
TA2120A TAI-SAW-TA2120A Datasheet
420Kb / 7P
   SAW Filter 2491.75 MHz SMD 3.0횞3.0 mm (BW=16.5 MHz)
logo
Transko Electronics, In...
TA2120AM TRANSKO-TA2120AM Datasheet
430Kb / 4P
   Wireless, RF SAW Filter
Revision 0: January 2009
logo
Toshiba Semiconductor
TA2120FN TOSHIBA-TA2120FN Datasheet
555Kb / 16P
   LOW CONSUMPTION CURRENT STEREO GEADPHONE POWER AMPLIFIER FOR PORTABLE CD (3V USE)
TA2120FNG TOSHIBA-TA2120FNG Datasheet
253Kb / 17P
   Low Consumption Current Stereo Headphone Power Amplifier for Portable CD (3V Use)
More results

Mô tả tương tự - TA2123AF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TA8159FN TOSHIBA-TA8159FN Datasheet
459Kb / 12P
   1.5V STEREO HEADPHONE AMPLIFIER
TA8145FN TOSHIBA-TA8145FN Datasheet
312Kb / 8P
   STEREO HEADPHONE AMPLIFIER (1.5V USE)
logo
Sanyo Semicon Device
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
   For 1.5V Headphone Stereo Power Amplifier
logo
Toshiba Semiconductor
TA8157AF TOSHIBA-TA8157AF Datasheet
484Kb / 14P
   STEREO HEADPHONE POWER AMPLIFIER (1.5V USE)
TA8106F TOSHIBA-TA8106F Datasheet
420Kb / 8P
   STEREO HEADPHONE POWER AMPLIFIER (1.5V USE)
logo
Sanyo Semicon Device
LA4535M SANYO-LA4535M_08 Datasheet
173Kb / 4P
   For 1.5V Headphone Stereo Power Amplifier
LA4589W SANYO-LA4589W Datasheet
261Kb / 12P
   1.5V Stereo Headphone Preamplifier and Power Amplifier
LA4590W SANYO-LA4590W Datasheet
415Kb / 19P
   1.5V Stereo Headphone Preamplifier and Power Amplifier?
logo
KEC(Korea Electronics)
KIA8159FN KEC-KIA8159FN Datasheet
237Kb / 10P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (1.5V STEREO HEADPHONE AMPLIFIER)
logo
Sanyo Semicon Device
LA4535M SANYO-LA4535M Datasheet
68Kb / 3P
   Power Amp For 1.5V Headphone Stereo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com