công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR712FR1T6 bảng dữ liệu(PDF) 3 Page - STMicroelectronics

tên linh kiện STR712FR1T6
Giải thích chi tiết về linh kiện  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR1T6 bảng dữ liệu(HTML) 3 Page - STMicroelectronics

  STR712FR1T6 Datasheet HTML 1Page - STMicroelectronics STR712FR1T6 Datasheet HTML 2Page - STMicroelectronics STR712FR1T6 Datasheet HTML 3Page - STMicroelectronics STR712FR1T6 Datasheet HTML 4Page - STMicroelectronics STR712FR1T6 Datasheet HTML 5Page - STMicroelectronics STR712FR1T6 Datasheet HTML 6Page - STMicroelectronics STR712FR1T6 Datasheet HTML 7Page - STMicroelectronics STR712FR1T6 Datasheet HTML 8Page - STMicroelectronics STR712FR1T6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
STR71xF - INTRODUCTION
3/49
1 INTRODUCTION
This Preliminary Data provides the STR71x Ordering Information, Mechanical and Electrical
Device Characteristics.
For complete information on the STR71xF Microcontroller memory, registers and peripherals.
please refer to the STR71xF Reference Manual.
For information on programming, erasing and protection of the internal Flash memory please
refer to the STR7 Flash Programming Reference Manual
For information on the ARM7TDMI core please refer to the ARM7TDMI Technical Reference
Manual.
1.1 Overview
ARM® core with embedded Flash & RAM
The STR71xF series is a family of ARM-powered 16/32-bit Microcontrollers with embedded
Flash and RAM. It combines the high performance ARM7TDMI CPU with an extensive range
of peripheral functions and enhanced I/O capabilities. All devices have on-chip high-speed
single voltage FLASH memory and high-speed RAM. The STR71xF family has an embedded
ARM core and is therefore compatible with all ARM tools and software.
For information on the ARM Realview Developer Kit for ST and third-party development
tools, please refer to the http://www.st.com website
Package Choice: Low Pin-Count 64-pin or Feature-Rich 144-pin TQFP or BGA
The STR71xF family is available in 4 main versions.
The 144-pin versions have the full set of all features including CAN, USB and External
Memory Interface.
STR710F: 144-pin BGA or TQFP with CAN, USB and EMI
The three 64-pin versions (BGA or TQFP) do not include External Memory Interface.
STR715F: 64-pin BGA or TQFP without CAN or USB
STR711F: 64-pin BGA or TQFP with USB
STR712F: 64-pin BGA or TQFP with CAN
1


Số phần tương tự - STR712FR1T6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STR712FR1T6 STMICROELECTRONICS-STR712FR1T6 Datasheet
659Kb / 49P
   ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR712FR1T6 STMICROELECTRONICS-STR712FR1T6 Datasheet
1Mb / 74P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR712FR1T6 STMICROELECTRONICS-STR712FR1T6 Datasheet
1Mb / 77P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
More results

Mô tả tương tự - STR712FR1T6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STR710F STMICROELECTRONICS-STR710F Datasheet
659Kb / 49P
   ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR71XF STMICROELECTRONICS-STR71XF_07 Datasheet
1Mb / 77P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STRT71XF STMICROELECTRONICS-STRT71XF Datasheet
1Mb / 74P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XF STMICROELECTRONICS-STR71XF_08 Datasheet
1Mb / 78P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XFXX STMICROELECTRONICS-STR71XFXX Datasheet
1Mb / 80P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
April 2013 Rev 13
STR720 STMICROELECTRONICS-STR720 Datasheet
2Mb / 401P
   ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
STR73XFXX STMICROELECTRONICS-STR73XFXX Datasheet
1Mb / 52P
   ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
STR73XF_0609 STMICROELECTRONICS-STR73XF_0609 Datasheet
1Mb / 53P
   ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
STR730FZ1T7 STMICROELECTRONICS-STR730FZ1T7 Datasheet
380Kb / 22P
   ARM7TDMI 32-BIT MCU WITH FLASH, 3x CAN, 4 UARTs, 20 TIMERS, ADC, 12 COMM. INTERFACES
STR73XF STMICROELECTRONICS-STR73XF Datasheet
663Kb / 40P
   ARM7TDMI-TM 32-bit MCU with Flash, 3X CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
March 2006 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com