công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK6005F bảng dữ liệu(PDF) 11 Page - List of Unclassifed Manufacturers

tên linh kiện STK6005F
Giải thích chi tiết về linh kiện  converting PC / Mac video images for a TFT-LCD display monitor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

STK6005F bảng dữ liệu(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button STK6005F Datasheet HTML 7Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 8Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 9Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 10Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 11Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 12Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 13Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 14Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
11
STK6005
5.2 Output Timing and Format
The output interface consists of two pixel ports, each containing Red / Green / Blue in colors with 6 or 8
bits of resolution. There are three output control signals for panel – PVS, PHS and PDE. The output
pixels and control signals above are all synchronous to the active edge of panel output clock DCLK. The
polarity of output clock / control signals and the timing of the active edge of output clock are
programmable by setting the internal registers.
There are two output formats – single / dual pixels output modes. In single pixel output mode, pixel data
are output from PE_R/G/B ports only, and the PO_R/G/B ports are disabled. In dual pixel output mode,
pixel data are output to both PE_R/G/B and PO_R/G/B ports in parallel. The first pixel of a line will be
output to PE_R/G/B ports and the second pixel will be output to PO_R/G/B ports.
Back to Contents Table
VCLK
Cref
Y(RIN)
Y0
Y1
Y2
UV(GIN)
U0
V0
U2
Hsync/Vsync
/Field
Href/Vref
YUV16 input format timing diagram


Số phần tương tự - STK6005F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SamHop Microelectronics...
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
logo
ATMEL Corporation
STK600-ATTINY10 ATMEL-STK600-ATTINY10 Datasheet
28Kb / 1P
   Socket card
STK600-RC020T-23 ATMEL-STK600-RC020T-23 Datasheet
45Kb / 1P
   Routing card
STK600-RC020T-44 ATMEL-STK600-RC020T-44 Datasheet
527Kb / 1P
   Routing card
STK600-RC020T-54 ATMEL-STK600-RC020T-54 Datasheet
40Kb / 1P
   Routing card
More results

Mô tả tương tự - STK6005F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sharp Corporation
LQ150X1DG55 SHARP-LQ150X1DG55 Datasheet
115Kb / 1P
   Color TFT-LCD Module(Desktop PC /Monitor)
LQ181E1DG11 SHARP-LQ181E1DG11 Datasheet
122Kb / 1P
   Color TFT-LCD Module(Desktop PC/Monitor)
logo
Hamamatsu Corporation
C9303-04 HAMAMATSU-C9303-04_15 Datasheet
74Kb / 2P
   RGB-LED backlight monitor for TFT-LCD (Liquid Crystal Display)
C9303-03 HAMAMATSU-C9303-03_15 Datasheet
129Kb / 2P
   RGB-LED backlight monitor for TFT-LCD (Liquid Crystal Display)
logo
List of Unclassifed Man...
M51392P ETC1-M51392P Datasheet
14Kb / 1P
   VIDEO AMPLIFIER FOR DISPLAY/MONITOR
logo
Sharp Corporation
LQ181E1DG01 SHARP-LQ181E1DG01 Datasheet
44Kb / 2P
   Color TFT-LCD Module for OA/Multimedia use(Desktop PC/Monitor)
logo
Purdy Electronics Corpo...
ANDPSI025TD-LED PURDY-ANDPSI025TD-LED Datasheet
407Kb / 7P
   TFT LCD Color Monitor
ANDPSI025TD-LED-KIT PURDY-ANDPSI025TD-LED-KIT Datasheet
407Kb / 8P
   TFT LCD Color Monitor
logo
Renesas Technology Corp
M61303FP RENESAS-M61303FP Datasheet
232Kb / 25P
   I2C BUS Controlled 3channel Video Pre-amplifier for LCD Display Monitor
logo
Mitsubishi Electric Sem...
M61303FP MITSUBISHI-M61303FP Datasheet
1Mb / 22P
   IIC BUS controled 3channel video pre-amplifier for LCD display monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com