công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M02061-21 bảng dữ liệu(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện M02061-21
Giải thích chi tiết về linh kiện  3.3 or 5 Volt Laser Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02061-21 bảng dữ liệu(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button M02061-21 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
M02061-12/-21
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
9
3.3 or 5 Volt Laser Driver
Rev V6
t_fault
Laser fault time - from fault condition to
assertion of FAIL
From occurrence of fault condition or when
Supply_OK is beyond specified range
100
μs
t_reset
DIS time to start reset
DIS pulse width required to initialize safety circuitry
or reset a latched fault
10(3)
μs
tVCC_OK
Supply_OK delay time
Delay between Supply_OK condition and when
outputs are enabled
10
20
μs
t_onBM
DIS negate (turn-on) time during burst-
mode operation
IMOD > 20mA; outputs DC coupled (5V
operation)(4)
300
500
ns
t_offBM
DIS assert (turn-off) time during burst-
mode operation
IMOD > 20mA; outputs DC coupled (5V operation)
200
500
ns
NOTES:
1.
With CAPC < 2.2nF
2.
User-adjustable. Specifications reflect timing with no external RESET capacitor.
3.
With < 1nF capacitor from RESET pin to ground.
4.
Imod >12mA
Figure 1-1.
Relationship between Data Inputs and Modulation Outputs
Table 1-5.
Safety Logic Timing (2 of 2)
Symbol
Parameter
Conditions
Minimum Typical Maximum
Units
D
IN+
D
IN-
100 mV -
1200 mV
VIN(DIFF)
200 mV -
2400 mV
VOUT-
> 1.60V when V
CC5_OR high
> 1.15V when V
CC5_OR low
GND
VOUT+


Số phần tương tự - M02061-21

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
M02061-21 MA-COM-M02061-21 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
More results

Mô tả tương tự - M02061-21

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
M02061 MA-COM-M02061 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
CX02068 MA-COM-CX02068 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
02068-DSH-001-C MA-COM-02068-DSH-001-C Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com