công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M02067 bảng dữ liệu(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện M02067
Giải thích chi tiết về linh kiện  3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02067 bảng dữ liệu(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M02067_17 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02067_17 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02067_17 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02067_17 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02067_17 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02067_17 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02067_17 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02067_17 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02067_17 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
M02067 -12/-13
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
2
3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
Rev V4
Ordering Information
Part Number
Package
M02067G-12
QFN package (-12 marking)
M02067G-13
QFN package (-12
marking)
M02067-TEVM
TO-Can optical evaluation board
M02067-E-EVM
Electrical evaluation board
* The letter “G” designator after the part number indicates that the device is RoHS-compliant.
Revision History
Revision
Level
Date
Description
V4
Release
May 2015
Updated logos and page layout. No content changes.
G (V3)
Release
July 2011
Added M02067G-13 ordering information and screen limit.
F (V2)
Release
January 2011
Revised RMODSET value in Table 1-3, Note 4.
Revised production test conditions in Table 1-5.
E (V1)
Release
November 2010
Updated ordering information, packaging information. Added DC screen information.
Replaced all CX02067 references with M02067.
D
Preliminary
October 2007
Updated ordering information.
C
Preliminary
June 2006
Added RoHS package information, updated format, no specification changes.
B
Preliminary
May 2005
Updated to new data sheet format.
A
Advance
October 2003
Advance.
M02067-12 and M02067-13 Marking Diagrams
XXXXX
YYWW CC
02067G
Part Number
Lot Number
Date and Country Code
XXXXX
YYWW CC
02067G
-12
-12
M02067G-12
M02067G-13


Số phần tương tự - M02067_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
M02067-E-EVM MA-COM-M02067-E-EVM Datasheet
414Kb / 20P
   Rise and fall times <150 ps
M02067-TEVM MA-COM-M02067-TEVM Datasheet
414Kb / 20P
   Rise and fall times <150 ps
M02067G-12 MA-COM-M02067G-12 Datasheet
414Kb / 20P
   Rise and fall times <150 ps
M02067G-13 MA-COM-M02067G-13 Datasheet
414Kb / 20P
   Rise and fall times <150 ps
More results

Mô tả tương tự - M02067_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
02067-DSH-001-G MA-COM-02067-DSH-001-G Datasheet
349Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
CX02068 MA-COM-CX02068 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com