công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M02067 bảng dữ liệu(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện M02067
Giải thích chi tiết về linh kiện  3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02067 bảng dữ liệu(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

Back Button M02067_17 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02067_17 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02067_17 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02067_17 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02067_17 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02067_17 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02067_17 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02067_17 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02067_17 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
M02067 -12/-13
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
6
3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
Rev V4
1.4
AC Characteristics
1.5
DC Screen
The M02067 is screened under the following conditions.
TA = 25 °C, VCC = 3.3 V, RMODSET = 8.46 kΩ
Table 1-4.
AC Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units.
Differential input voltage
= 2 x (DIN+HIGH-DIN+LOW)
300
-
1860
mV
Modulation current range
2.5
-
85
mA
Modulation current with output disabled
DIS = HIGH
-
-
300
µA
Programmable range for modulation
current temperature coefficient
Adjustable
500
-
104
ppm/°C
Programmable temperature at which
modulation current TC compensation
enables
Programmed by choice of RTCSLOPE
20
-
60
°C
Modulation output rise/fall times
20% to 80% into 25
Ω, with matching network
-
-
150
ps
Overshoot of modulation output current
Into 25
Ω load, with matching network
-5
-
+5
%
Modulation output Pulse width
distortion
Measured using alternating 1-0 pattern
-
-
50
ps
Modulation output deterministic jitter
Peak-to-peak. Measured into 25
Ω load using 27-
1 PRBS at 2.1 Gbps
-
-
50
ps
Notes:
VCC = +3.3V ±10%, TA = -40 °C to +85 °C, unless otherwise noted
Table 1-5.
DC Screen
Part Number
Parameter
Production Test Conditions
Screen Limits
M02067G-12
Modulation Current
Measured at pin OUT-
Load resistor at OUT- is 24
Ω connected to VCC
41.8 mA min. to 50.8 mA max
M02067G-13
Modulation Current
Measured at pin OUT-
Load resistor at OUT- is 24
Ω connected to VCC
41.8 mA min. to 48.0 mA max


Số phần tương tự - M02067_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
M02067-E-EVM MA-COM-M02067-E-EVM Datasheet
414Kb / 20P
   Rise and fall times <150 ps
M02067-TEVM MA-COM-M02067-TEVM Datasheet
414Kb / 20P
   Rise and fall times <150 ps
M02067G-12 MA-COM-M02067G-12 Datasheet
414Kb / 20P
   Rise and fall times <150 ps
M02067G-13 MA-COM-M02067G-13 Datasheet
414Kb / 20P
   Rise and fall times <150 ps
More results

Mô tả tương tự - M02067_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
02067-DSH-001-G MA-COM-02067-DSH-001-G Datasheet
349Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
CX02068 MA-COM-CX02068 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com