công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS12-M3 bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện SS12-M3
Giải thích chi tiết về linh kiện  Ideal for automated placement
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS12-M3 bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  SS12-M3 Datasheet HTML 1Page - Vishay Siliconix SS12-M3 Datasheet HTML 2Page - Vishay Siliconix SS12-M3 Datasheet HTML 3Page - Vishay Siliconix SS12-M3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS12-M3, SS13-M3, SS14-M3, SS15-M3, SS16-M3
www.vishay.com
Vishay General Semiconductor
Revision: 04-Aug-15
2
Document Number: 89406
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) PCB mounted with 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pad areas
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS SYMBOL
SS12
SS13
SS14
SS15
SS16
UNIT
Maximum instantaneous forward
voltage
1.0 A
VF (1)
0.50
0.75
V
Maximum DC reverse current at
rated DC blocking voltage
TA = 25 °C
IR (1)
0.2
mA
TA = 100 °C
6.0
5.0
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS12
SS13
SS14
SS15
SS16
UNIT
Typical thermal resistance
RJA (1)
88
°C/W
RJL (1)
28
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS14-M3/61T
0.064
61T
1800
7" diameter plastic tape and reel
SS14-M3/5AT
0.064
5AT
7500
13" diameter plastic tape and reel
0
0.5
1.0
025
50
75
100
125
150
Lead Temperature (°C)
PCB Mounted on 0.2" x 0.2"
(5.0 mm x 5.0 mm) Copper Pad Area
SS12 thru SS16
1
10
100
0
10
20
30
40
50
At Rated T
L
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz


Số phần tương tự - SS12-M3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bruckewell Technology L...
SS12-120 BWTECH-SS12-120 Datasheet
109Kb / 2P
   Low power loss, high effciency
logo
Nanjing International G...
SS12-1A-20V-DO-214AC DGNJDZ-SS12-1A-20V-DO-214AC Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SS12-AU PANJIT-SS12-AU Datasheet
80Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS12-AU_R1_000A1 PANJIT-SS12-AU_R1_000A1 Datasheet
80Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS12-AU_R2_000A1 PANJIT-SS12-AU_R2_000A1 Datasheet
80Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Mô tả tương tự - SS12-M3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SE70PB VISHAY-SE70PB Datasheet
100Kb / 5P
   Ideal for automated placement
Revision: 10-Jul-15
VSSAF3N50 VISHAY-VSSAF3N50 Datasheet
110Kb / 5P
   Ideal for automated placement
Revision: 24-Jul-14
V8P8-M3 VISHAY-V8P8-M3 Datasheet
96Kb / 5P
   Ideal for automated placement
Revision: 04-May-15
V12P45-M3 VISHAY-V12P45-M3 Datasheet
95Kb / 5P
   Ideal for automated placement
Revision: 05-May-15
logo
Pan Jit International I...
SVM1560UB PANJIT-SVM1560UB Datasheet
175Kb / 5P
   Ideal for automated placement
logo
Vishay Siliconix
SE40PB VISHAY-SE40PB Datasheet
99Kb / 5P
   Ideal for automated placement
Revision: 10-Dec-14
SS3H9-M3 VISHAY-SS3H9-M3 Datasheet
91Kb / 4P
   Ideal for automated placement
Revision: 09-Dec-13
logo
Shanghai Leiditech Elec...
LMKAK10 LEIDITECH-LMKAK10 Datasheet
526Kb / 4P
   Ideal for automated placement
logo
Pan Jit International I...
SVC10120VB PANJIT-SVC10120VB Datasheet
149Kb / 5P
   Ideal for automated placement
logo
Bruckewell Technology L...
SD10PU80 BWTECH-SD10PU80 Datasheet
117Kb / 4P
   Ideal for automated placement
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com