công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS12-M3 bảng dữ liệu(PDF) 1 Page - Vishay Siliconix |
|
SS12-M3 bảng dữ liệu(HTML) 1 Page - Vishay Siliconix |
1 / 4 page SS12-M3, SS13-M3, SS14-M3, SS15-M3, SS16-M3 www.vishay.com Vishay General Semiconductor Revision: 04-Aug-15 1 Document Number: 89406 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Surface Mount Schottky Barrier Rectifier FEATURES • Low profile package • Ideal for automated placement • Guardring for overvoltage protection • Low power losses, high efficiency • Low forward voltage drop • High surge capability • Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C • Material categorization: for definitions of compliance please see www.vishay.com/doc?99912 TYPICAL APPLICATIONS For use in low voltage, high frequency inverters, freewheeling, DC/DC converters, and polarity protection applications. MECHANICAL DATA Case: DO-214AC (SMA) Molding compound meets UL 94 V-0 flammability rating Base P/N-M3 - halogen-free, RoHS-compliant, and commercial grade Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD 22-B102 M3 suffix meets JESD 201 class 2 whisker test Polarity: Color band denotes the cathode end PRIMARY CHARACTERISTICS IF(AV) 1.0 A VRRM 20 V, 30 V, 40 V, 50 V, 60 V IFSM 40 A VF 0.50 V, 0.75 V TJ max. 150 °C Package DO-214AC (SMA) Diode variations Single die DO-214AC (SMA) MAXIMUM RATINGS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL SS12 SS13 SS14 SS15 SS16 UNIT Device marking code S2 S3 S4 S5 S6 V Maximum repetitive peak reverse voltage VRRM 20 30 40 50 60 V Maximum RMS voltage VRMS 14 21 28 35 42 V Maximum DC blocking voltage VDC 20 30 40 50 60 V Maximum average forward rectified current at TL (fig. 1) IF(AV) 1.0 A Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load IFSM 40 A Voltage rate of change (rated VR) dV/dt 10 000 V/μs Operating junction temperature range TJ -65 to +150 °C Storage temperature range TSTG -65 to +150 °C |
Số phần tương tự - SS12-M3 |
|
Mô tả tương tự - SS12-M3 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |