công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N3004 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện N3004
Giải thích chi tiết về linh kiện  5 Bit Programmable Synchronous Buck Converter with Dual LDOs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

N3004 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  N3004 Datasheet HTML 1Page - List of Unclassifed Manufacturers N3004 Datasheet HTML 2Page - List of Unclassifed Manufacturers N3004 Datasheet HTML 3Page - List of Unclassifed Manufacturers N3004 Datasheet HTML 4Page - List of Unclassifed Manufacturers N3004 Datasheet HTML 5Page - List of Unclassifed Manufacturers N3004 Datasheet HTML 6Page - List of Unclassifed Manufacturers N3004 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
5 Bit Programmable Synchronous
Buck Converter with Dual LDOs
NIKO-SEM
N3004
JAN-10-Y02
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
Supply Voltage (V5 to GND)
10V
Supply Voltage (V12 to GND)
20V
Thermal Resistance Junction to Case,
θJC
25°C/W
Thermal Resistance Junction to Ambient,
θJA
85°C/W
Operating Temperature Range
0 to 70°C
Storage Temperature Range
-65 to +150°C
Junction Operating Temperature
0 to +125°C
Lead Temperature (Soldering, 10 Seconds)
300°C
ELECTRICAL SPECIFICATIONS
<Unless otherwise specified: V5 = 5V, V12 = 12V and TA = 25°C>
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
SWITCHING SECTION
DAC Output Voltage (Note 1)
0.99Vs
Vs
1.01Vs
V
DAC Output Line Regulation
0.1
%
DAC Output Temp. Variation
0.5
%
VID Input LO
0.4
V
VID Input HI
2
V
VID Input Internal Pull-Up
Resistor to V5
27
K
POWER GOOD SECTION
Power Good Threshold Voltage
85
115
%
Power Good Output LO
IL = 3mA
0.4
V
Power Good Output HI
RL = 5KΩ pull up to 5V
4.8
V
SOFT START SECTION
Soft Star Current
CS+ =0V, CS- =5V
10
μ
A
UVLO SECTION
UVLO Threshold for V12
Supply ramping up
9.2
10
10.8
V
UVLO Hysterises for V12
0.3
0.4
.05
V
UVLO Threshold for V5
Supply ramping up
4.1
4.3
4.5
V
UVLO Hysterises for V5
0.2
0.3
0.4
V
ERROR COMPARATOR SECTION
Input Bias Current
2
μ
A
Input Offset Voltage
-2
+2
mV
Delay to Output
VDIFF = 10mV
100
nS


Số phần tương tự - N3004

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TP-Link Technologies Co...
N300 TP-LINK-N300 Datasheet
1Mb / 5P
   300Mbps Wireless N Router
More results

Mô tả tương tự - N3004

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
N1164 ETC-N1164 Datasheet
93Kb / 8P
   5 Bit Programmable Synchronous Buck Converter with Dual LDOs Controller
RT9223 ETC-RT9223 Datasheet
139Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
logo
UNISEM
US3004 UNISEM-US3004 Datasheet
99Kb / 14P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
logo
International Rectifier
IRU3004 IRF-IRU3004 Datasheet
104Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
logo
Semtech Corporation
SC190 SEMTECH-SC190 Datasheet
1Mb / 18P
   Synchronous Buck Converter with Programmable Output
logo
UNISEM
US3012 UNISEM-US3012 Datasheet
75Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3010 UNISEM-US3010 Datasheet
74Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3011 UNISEM-US3011 Datasheet
72Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
logo
National Semiconductor ...
LM2635 NSC-LM2635 Datasheet
288Kb / 13P
   5-Bit Programmable Synchronous Buck Regulator Controller
LM2636 NSC-LM2636 Datasheet
325Kb / 14P
   5-Bit Programmable Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com