công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTV118 bảng dữ liệu(PDF) 8 Page - List of Unclassifed Manufacturers

tên linh kiện MTV118
Giải thích chi tiết về linh kiện  On-Screen-Display for LCD Monitor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

MTV118 bảng dữ liệu(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MTV118 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV118 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV118 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV118 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV118 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV118 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV118 Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV118 Datasheet HTML 11Page - List of Unclassifed Manufacturers MTV118 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8/15
MTV118 Revision 2.0 01/01/1999
MTV118
MYSON
TECHNOLOGY
3.6 User Font RAM
The user font RAM has 288 locations which are allocated between row 0/column 0 and row 7/column
35 to specify 8 user-programmable fonts, as shown in Figure 5. Each programmable font consists of a
12x18 dot matrix. Each row of dot matrix consists of 2 bytes of data which include 4 dummy bits as
shown in figure 6. That is, the dot matrix data of each font is stored in 36-byte registers. For example,
font 0 is stored in row 0 from column 0 to column 35 and font 1 is stored in row 1 from column 0 to col-
umn 35, etc.
FIGURE 5. User Font RAM Memory Map
3.7 Character ROM
The character ROM contains 248 built-in characters and symbols from addresses 0 to 247. Each char-
acter and symbol consists of a 12x18 dot matrix. The detail pattern structures for each character and
symbol are shown in 10.0“CHARACTER AND SYMBOL PATTERN” on page 15.
3.8 Luminance & Border Generator
There are 2 shift registers included in the design which can shift out of luminance and border dots to the
color encoder. The bordering and shadowing feature is configured in this block. For bordering effect,
the character will be enveloped with blackedge on 4 sides. For shadowing effect, the character is envel-
oped with blackedge on right and bottom sides only.
3.9 Window and Frame Control
The display frame position is completely controlled by the contents of VERTD and HORD. The window
size and position control are specified in columns 0 to 11 on row 15 of the memory map, as shown in
Figure 4. Window 1 has the highest priority and window 4 has the least, when 2 windows are overlap-
ping. More detailed information is described as follows:
ROW #
COLUMN #
0
1
34
35
36
63
0
1
6
7
USER FONT RAM
RESERVED
FIGURE 6. Data Format of Font Dot Matrix
Nth byte
(N+1)th byte
12 bits for 1-row data of font dot matrix
Dummy bits
rightmost dot of font
N=even number
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
leftmost dot of font


Số phần tương tự - MTV118

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MTV112A ETC2-MTV112A Datasheet
164Kb / 20P
   8051 Embedded CRT Monitor Controller MASK Version
MTV112AN-999 ETC2-MTV112AN-999 Datasheet
164Kb / 20P
   8051 Embedded CRT Monitor Controller MASK Version
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
More results

Mô tả tương tự - MTV118

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
   On-Screen Display for LCD Monitor
MTV121 ETC-MTV121 Datasheet
220Kb / 18P
   Super On-Screen-Display for LCD Monitor
MTV038 ETC1-MTV038 Datasheet
554Kb / 25P
   On-Screen Display Controller for CRT/LCD Monitor
MTV048 ETC-MTV048 Datasheet
234Kb / 19P
   On-Screen-Display Controller for CRT/LCD Monitor
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
   Monitor on-Screen Display
logo
List of Unclassifed Man...
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
   Monitor On-Screen Display
logo
STMicroelectronics
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com