công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTV112M bảng dữ liệu(PDF) 10 Page - List of Unclassifed Manufacturers

tên linh kiện MTV112M
Giải thích chi tiết về linh kiện  8051 Embedded CRT Monitor Controller Flash Version
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

MTV112M bảng dữ liệu(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MTV112M Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV112M Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV112M Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV112M Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV112M Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV112M Datasheet HTML 11Page - List of Unclassifed Manufacturers MTV112M Datasheet HTML 12Page - List of Unclassifed Manufacturers MTV112M Datasheet HTML 13Page - List of Unclassifed Manufacturers MTV112M Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MYSON
TECHNOLOGY
MTV112M
(Rev 2.0)
Revision 2.0
- 10 -
2001/05/18
P5OUT
45h (r/w)
P57
P56
P55
P54
P53
P52
P51
P50
INTFLG 50h (r/w) HPRchg VPRchg HPLchg VPLchg
HFchg
VFchg
FIFOI
MI
INTEN
60h (w)
EHPR
EVPR
EHPL
EVPL
EHF
EVF
EFIFO
EMI
INTFLG
51h(r/w)
X
X
X
X
X
X
X
VSYNC
INTEN
61h(w)
X
X
X
X
X
X
X
EVSI
Present
Check
Digital Filter
Present
Check
Vpre
Frequency
Count
Vfreq
Polarity
Check
Vpol
High
Frequency
Mask
Vself
CVSYNC
Polarity Check &
Sync Seperator
CVpre
Hpol
Hself
Digital Filter
Present Check &
Frequency Count
Hpre
Hfreq
HBpl
VBpl
VBLANK
HBLANK
VSYNC
HSYNC
H/V SYNC Processor Block Diagram
PSTUS (r) :
The status of polarity, presence and static level for HSYNC and VSYNC.
CVpre = 1
→ The extracted CVSYNC is present.
= 0
→ The extracted CVSYNC is not present.
Hpol
= 1
→ HSYNC input is positive polarity.
= 0
→ HSYNC input is negative polarity.
Vpol
= 1
→ VSYNC (CVSYNC) is positive polarity.
= 0
→ VSYNC (CVSYNC) is negative polarity.
Hpre
= 1
→ HSYNC input is present.
= 0
→ HSYNC input is not present.
Vpre
= 1
→ VSYNC input is present.
= 0
→ VSYNC input is not present.
Hoff*
= 1
→ HSYNC input's off-level is high.
= 0
→ HSYNC input's off-level is low.
Voff*
= 1
→ VSYNC input's off-level is high.
= 0
→ VSYNC input's off-level is low.
*Hoff and Voff are valid when Hpre=0 or Vpre=0.
HCNTH (r) :
H-Freq counter's high bits.
Hovf
= 1
→ H-Freq counter overflows; this bit is cleared by H/W when condition removed.
HF10 - HF8 :
3 high bits of H-Freq counter.
HCNTL (r) :
H-Freq counter's low bits.


Số phần tương tự - MTV112M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MTV112A ETC2-MTV112A Datasheet
164Kb / 20P
   8051 Embedded CRT Monitor Controller MASK Version
MTV112AN-999 ETC2-MTV112AN-999 Datasheet
164Kb / 20P
   8051 Embedded CRT Monitor Controller MASK Version
More results

Mô tả tương tự - MTV112M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
   8051 Embedded CRT Monitor Controller Mask Version
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
   8051 Embedded CRT Monitor Controller OTP Version
MTV112A ETC2-MTV112A Datasheet
164Kb / 20P
   8051 Embedded CRT Monitor Controller MASK Version
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV230M ETC1-MTV230M Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com