công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTV030 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện MTV030
Giải thích chi tiết về linh kiện  On-Screen Display with Auto-Sizing Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

MTV030 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  MTV030 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3/21
MTV030 Revision 1.0 10/15/1999
MTV030
MYSON
TECHNOLOGY
SSB
I
6
6
6
6
Serial interface enable. It is used to enable the serial data
and is also used to select the operation of I2C or SPI bus. If
this pin is left floating, I2C bus is enabled, otherwise the SPI
bus is enabled.
SDA
I
7
7
7
7
Serial data input. The external data transfer through this pin to
internal display registers and control registers. It has an inter-
nal pull-up resistor.
SCK
I
8
8
8
8
Serial clock input. The clock-input pin is used to synchronize
the data transfer. It has an internal pull-up resistor.
RIN
I
-
-
9
9
Red video input. It is used for auto sizing measurement and
this signal is came from video pre-amp red output.
GIN
I
-
-
10
10
Green video input. It is used for auto sizing measurement and
this signal is came from video pre-amp green output.
BIN
I
-
-
11
11
Blue video input. It is used for auto sizing measurement and
this signal is came from video pre-amp blue output.
NC
-
-
-
12
-
No connection.
PWM0
O
-
9
-
12
Open-Drain PWM D/A converter 0. The output pulse width is
programmable by the register of Row 15, Column 23.
PWM1
O
-
10
-
13
Open-Drain PWM D/A converter 1. The output pulse width is
programmable by the register of Row 15, Column 24.
PWM2
O
-
11
-
14
Open-Drain PWM D/A converter 2. The output pulse width is
programmable by the register of Row 15, Column 25.
PWM3
O
-
12
-
15
Open-Drain PWM D/A converter 3. The output pulse width is
programmable by the register of Row 15, Column 26.
PWM4
O
-
-
-
16
Open-Drain PWM D/A converter 4. The output pulse width is
programmable by the register of Row 15, Column 27.
VDD
-
9
13
13
17
Digital power supply. Positive 5 V DC supply for internal digi-
tal circuitry and a 0.1uF decoupling capacitor should be con-
nected across to VDD and VSS.
VFLB
I
10
14
14
18
Vertical input. This pin is used to input the vertical synchroniz-
ing signal. It is leading triggered and has an internal pull-up
resistor.
INT
O
11
15
15
19
Intensity color output. 16-color selection is achievable by
combining this intensity pin with R/G/B output pins.
FBKG
O
12
16
16
20
Fast Blanking output. It is used to cut off external R, G, B sig-
nals of VGA while this chip is displaying characters or win-
dows.
BOUT
O
13
17
17
21
Blue color output. It is a blue color video signal output.
GOUT
O
14
18
18
22
Green color output. It is a green color video signal output.
ROUT
O
15
19
19
23
Red color output. It is a red color video signal output.
VSS
-
16
20
20
24
Digital ground. This ground pin is used to internal digital cir-
cuitry.
Name
I/O
Pin No.
Descriptions
N16
N201 N202
N24


Số phần tương tự - MTV030

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MTV038 ETC1-MTV038 Datasheet
554Kb / 25P
   On-Screen Display Controller for CRT/LCD Monitor
MTV038N ETC1-MTV038N Datasheet
554Kb / 25P
   On-Screen Display Controller for CRT/LCD Monitor
MTV038N20 ETC1-MTV038N20 Datasheet
554Kb / 25P
   On-Screen Display Controller for CRT/LCD Monitor
More results

Mô tả tương tự - MTV030

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
   On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90092 FUJITSU-MB90092_01 Datasheet
348Kb / 40P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74787 SANYO-LC74787 Datasheet
216Kb / 23P
   On-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com