công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ES1B-M3 bảng dữ liệu(PDF) 3 Page - Vishay Siliconix

tên linh kiện ES1B-M3
Giải thích chi tiết về linh kiện  Surface Mount Ultrafast Plastic Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ES1B-M3 bảng dữ liệu(HTML) 3 Page - Vishay Siliconix

  ES1B-M3 Datasheet HTML 1Page - Vishay Siliconix ES1B-M3 Datasheet HTML 2Page - Vishay Siliconix ES1B-M3 Datasheet HTML 3Page - Vishay Siliconix ES1B-M3 Datasheet HTML 4Page - Vishay Siliconix ES1B-M3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ES1A-M3, ES1B-M3, ES1C-M3, ES1D-M3
www.vishay.com
Vishay General Semiconductor
Revision: 19-Feb-15
3
Document Number: 89273
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Thermal Impedance
0
1.2
80
90
100
110
120
130
140
150
0.8
1.0
0.2
0.4
0.6
Lead Temperature (°C)
Resistive or Inductive Load
P.C.B. Mounted on
0.2" x 0.2" (5.0 mm x 5.0 mm)
Copper Pad Areas
1
10
100
5
10
15
20
25
30
0
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 25 °C
100
10
1
0.1
0.01
Instantaneous Forward Voltage (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
0
20406080
100
1000
100
10
1
0.1
TJ = 25 °C
f = 1.0 MHz
Vsig = 50mVp-p
Reverse Voltage (V)
14
12
10
8
6
4
2
0
0.1
1
10
100
Mounted on 0.2" x 0.2" (5 mm x 7 mm)
Copper Pad Areas
100
10
1
0.1
1
10
100
t - Pulse Duration (s)


Số phần tương tự - ES1B-M3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
ES1B-13-F DIODES-ES1B-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
logo
Vishay Siliconix
ES1B-E3-5AT VISHAY-ES1B-E3-5AT Datasheet
84Kb / 5P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 27-Feb-13
ES1B-E3-61T VISHAY-ES1B-E3-61T Datasheet
84Kb / 5P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 27-Feb-13
logo
Micro Commercial Compon...
ES1B-L MCC-ES1B-L Datasheet
302Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ES1B-L MCC-ES1B-L Datasheet
322Kb / 4P
   1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results

Mô tả tương tự - ES1B-M3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
ES1A VISHAY-ES1A_11 Datasheet
81Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 19-Apr-11
ES2B-E3-52T VISHAY-ES2B-E3-52T Datasheet
83Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 30-Oct-13
MURS340 VISHAY-MURS340_15 Datasheet
88Kb / 6P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 20-Feb-15
ES1C-E361T VISHAY-ES1C-E361T Datasheet
82Kb / 5P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 25-Apr-14
ES2DHE3 VISHAY-ES2DHE3 Datasheet
83Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 30-Oct-13
MURS340-M3 VISHAY-MURS340-M3 Datasheet
84Kb / 5P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 20-Feb-15
MURS320-M3 VISHAY-MURS320-M3 Datasheet
89Kb / 5P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 20-Feb-15
MURS140 VISHAY-MURS140 Datasheet
102Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 27-Aug-07
MURS340 VISHAY-MURS340_07 Datasheet
106Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 27-Aug-07
MURS340S VISHAY-MURS340S Datasheet
103Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 01-Aug-08
U1B VISHAY-U1B Datasheet
103Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 13-May-08
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com