công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

54-371-001 bảng dữ liệu(PDF) 9 Page - API Technologies Corp

tên linh kiện 54-371-001
Giải thích chi tiết về linh kiện  Hermetically Sealed Threaded Case Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  APITECH [API Technologies Corp]
Trang chủ  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54-371-001 bảng dữ liệu(HTML) 9 Page - API Technologies Corp

Back Button 54-371-001 Datasheet HTML 5Page - API Technologies Corp 54-371-001 Datasheet HTML 6Page - API Technologies Corp 54-371-001 Datasheet HTML 7Page - API Technologies Corp 54-371-001 Datasheet HTML 8Page - API Technologies Corp 54-371-001 Datasheet HTML 9Page - API Technologies Corp 54-371-001 Datasheet HTML 10Page - API Technologies Corp 54-371-001 Datasheet HTML 11Page - API Technologies Corp 54-371-001 Datasheet HTML 12Page - API Technologies Corp 54-371-001 Datasheet HTML 13Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Hermetically Sealed
Threaded Case Filters
¦
Also available through API’s authorized distributors.
85°C
125°C
Rated Voltage
DC
AC
29
8
9
9
73
52
46
46
48
33
17
24
24
29
48
48
11
32
5
23
80
71
65
65
66
52
34
17
29
29
47
66
66
32
51
6
43
80
80
80
80
80
80
68
57
40
40
70
70
70
63
70
47
70
80
80
80
80
80
80
80
80
70
70
80
70
70
80
70
80
70
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
.375 ø Pi Circuit MIL Qualified Product
51-390-305
51-390-314
¦
51-390-318
¦
51-390-317
51-311-311
¦
51-311-308
¦
51-311-309
¦
51-311-310
51-353-344
51-353-345
¦
51-311-314
51-390-312
51-390-311
¦
51-353-336
51-390-315
51-311-312
51-311-408
See Pg.
LP33
for Fig.
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
2
0.30
1.00
2.00
2.00
0.25
1.00
3.00
5.00
10.0
10.0
0.25
0.50
0.50
1.00
1.00
3.00
1.00
2.800
2.800
1.500
1.500
0.900
0.500
0.660
0.900
0.990
0.990
0.300
0.500
0.500
0.300
0.500
0.300
0.300
80
80
80
80
80
80
80
80
70
70
80
70
70
80
70
80
70
80
80
80
80
70
70
70
70
70
70
70
70
70
70
70
70
70
50
50
50
50
100
100
100
100
100
100
150
150
150
150
150
150
300
125
125
125
115
DC
AC
M15733
MIL No
23-0017
23-0042
23-0054
23-0053
25-0010
25-0002
25-0004
25-0006
39-0011
39-0012
26-0011
23-0036
23-0035
26-0002
23-0047
26-0005
54-0005
Max
L
0.730
0.730
0.730
0.730
0.793
0.793
0.793
0.793
0.760
0.760
0.793
0.730
0.730
0.793
0.730
0.793
0.761
(18.542)
(18.542)
(18.542)
(18.542)
(20.142)
(20.142)
(20.142)
(20.142)
(19.304)
(19.304)
(20.142)
(18.542)
(18.542)
(20.142)
(18.542)
(20.142)
(19.329)
In
(mm)
DCR
Max
Ohms
0.770
0.140
0.070
0.070
1.500
0.250
0.050
0.015
0.003
0.003
1.500
0.360
0.360
0.250
0.140
0.050
0.250
Thd
Lgth
B
A
A
B
A
A
A
A
A
A
A
A
B
A
B
A
A
(See MIL index on pages CF9-11 for
complete MIL part number listing)
Transient Suppressor*
VR*
(VDC)
BV*
(VDC)
23
3
16
23
3
16
23
3
16
57
47
23
17
26
57
47
23
17
26
57
47
23
17
26
70
70
58
48
35
70
70
58
48
35
70
70
58
48
35
70
70
70
70
40
70
70
70
70
40
70
70
70
70
40
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
30
KHz
Part
Number
Transient Suppression Pi Filters
51-570-300
51-570-301
51-570-302
51-570-303
51-570-304
51-570-310
51-570-311
51-570-312
51-570-313
51-570-314
51-570-320
51-570-321
51-570-322
51-570-323
51-570-324
Rated
Volt.
VDC
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
5
5
5
5
5
28
28
28
28
28
50
50
50
50
50
0.50
1.00
3.00
5.00
10.00
0.50
1.00
3.00
5.00
10.00
0.50
1.00
3.00
5.00
10.00
1.400
1.400
1.400
1.400
1.400
1.400
1.400
1.400
1.400
1.400
1.400
1.400
1.400
1.400
1.400
70
70
70
70
60
70
70
70
70
60
70
70
70
70
60
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
6.5
6.5
6.5
6.5
6.5
33.0
33.0
33.0
33.0
33.0
58.0
58.0
58.0
58.0
58.0
10
10
10
10
10
1
1
1
1
1
1
1
1
1
1
7.22/7.98
7.22/7.98
7.22/7.98
7.22/7.98
7.22/7.98
36.7/40.6
36.7/40.6
36.7/40.6
36.7/40.6
36.7/40.6
64.4/71.2
64.4/71.2
64.4/71.2
64.4/71.2
64.4/71.2
44.7
44.7
44.7
44.7
44.7
9.4
9.4
9.4
9.4
9.4
5.3
5.3
5.3
5.3
5.3
IT*
(MA)
IPP*
(A)
See Pg.
LP33
for Fig.
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Length
1.179
1.179
1.179
1.179
1.179
1.179
1.179
1.179
1.179
1.179
1.179
1.179
1.179
1.179
1.179
(29.947)
(29.947)
(29.947)
(29.947)
(29.947)
(29.947)
(29.947)
(29.947)
(29.947)
(29.947)
(29.947)
(29.947)
(29.947)
(29.947)
(29.947)
In
(mm)
DCR
Min
Mohms
0.500
0.500
0.500
0.500
0.500
30.000
30.000
30.000
30.000
30.000
50.000
50.000
50.000
50.000
50.000
Max
Thd
Lgth
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
Max
RDC
Ohms
0.600
0.350
0.060
0.015
0.005
0.600
0.350
0.060
0.015
0.005
0.600
0.350
0.060
0.015
0.005
* Transient Suppression definitions and ratings
VR = Reverse standoff voltage
IPP = Max. peak pulse current
BV = Breakdown voltage
IT
= Test current
LP34


Số phần tương tự - 54-371-001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Spectrum Microwave, Inc...
54-371-001 SPECTRUM-54-371-001 Datasheet
313Kb / 16P
   Hermetically Sealed Threaded Case Filters
More results

Mô tả tương tự - 54-371-001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Spectrum Microwave, Inc...
51-311-309 SPECTRUM-51-311-309 Datasheet
313Kb / 16P
   Hermetically Sealed Threaded Case Filters
logo
List of Unclassifed Man...
CL700 ETC2-CL700 Datasheet
39Kb / 1P
   HERMETICALLY SEALED TO-5 CASE
logo
Microsemi Corporation
1N4614 MICROSEMI-1N4614 Datasheet
120Kb / 2P
   Hermetically sealed glass case. DO - 35 outline.
logo
Thinki Semiconductor Co...
1N60 THINKISEMI-1N60 Datasheet
3Mb / 2P
   Hermetically Sealed Glass Case Point Contact Germanium Diode
logo
Vishay Siliconix
TSTS730 VISHAY-TSTS730 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS750 VISHAY-TSTS750 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7100 VISHAY-TSTA7100 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7300 VISHAY-TSTA7300 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7500 VISHAY-TSTA7500 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS710 VISHAY-TSTS710 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com