công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HLMP-3366 bảng dữ liệu(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

tên linh kiện HLMP-3366
Giải thích chi tiết về linh kiện  T-13/4 (5 mm) Low Profile LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Trang chủ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-3366 bảng dữ liệu(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-3366 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-3366 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-3366 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-3366 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-3366 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-3366 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-3366 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-3366 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-3366 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
High Efficiency Red HLMP-335x/-336x Series
Electrical Specifications at TA = 25°C
Symbol
Description
Device
HLMP-
Min.
Typ.
Max.
Units
Test Conditions
2
q1/2
Including Angle Between
Half Luminous Intensity
Points
3366
50
50
45
45
Deg.
Note 1
(Figure 11)
λPEAK
Peak Wavelength
635
nm
Measurement at
Peak (Figure 1)
λd
Dominant Wavelength
626
nm
Note 2
Δλ1/2
Spectral Line Halfwidth
40
nm
τs
Speed of Response
90
ns
C
Capacitance
11
pF
VF = 0; f = 1 MHz
R
qJ-PIN
Thermal Resistance
260
°C/W
Junction to
Cathode Lead
VF
Forward Voltage
1.9
2.4
V
IF = 10 mA
(Figure 7)
VR
Reverse Breakdown Voltage
5.0
V
IR = 100 μA
ηV
Luminous Efficacy
145
lm/W
Note 3
Notes:
1.
q1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
2. Dominant wavelength,
λd, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the
device.
3. Radiant Intensity, Ie, in watts/steradian may be found from the equation Ie = Ivv, where Iv is the luminous intensity in candelas and ηv is the
luminous efficacy in lumens/watt.
Figure 8. Relative luminous intensity vs. forward
current.
Figure 7. Forward current vs. forward voltage.
Figure 9. Relative efficiency (luminous intensity
per unit current) vs. peak current.
60
50
40
30
20
10
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V – FORWARD VOLTAGE – V
F


Số phần tương tự - HLMP-3366

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HLMP-3366 HP-HLMP-3366 Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
More results

Mô tả tương tự - HLMP-3366

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HLMP-335X HP-HLMP-335X Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Broadcom Corporation.
HLMP-3351 BOARDCOM-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4700 AVAGO-HLMP-4700 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com