công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HEDT-9040 bảng dữ liệu(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

tên linh kiện HEDT-9040
Giải thích chi tiết về linh kiện  Two Channel Quadrature Output with Index Pulse
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Trang chủ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDT-9040 bảng dữ liệu(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HEDT-9040 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HEDT-9040 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HEDT-9040 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDT-9040 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDT-9040 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDT-9040 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HEDT-9040 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HEDT-9040 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HEDT-9040 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HEDT-9040, HEDT-9140
High Temperature 140°C
Three Channel Optical
Incremental Encoder Modules
Data Sheet
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Description
The HEDT-9040 and HEDT-9140 are high temperature
three channel optical incremental encoder modules.
When used with a codewheel, these low cost modules
detect rotary position. Each module consists of a lensed
LED source and a detector IC enclosed in a small plastic
package. Due to a highly collimated light source and a
unique photodetector array, these modules provide the
same high performance found in the HEDS-9040/9140
three channel encoders.
The HEDT-9040 and 9140 have Block Diagram two channel
quadrature outputs plus a third channel index output.
This index output is a 90 electrical degree high true index
pulse.
The HEDT-9040 is designed for codewheels which have an
optical radius of 23.36 mm (0.920 in.). The HEDT-9140 is
designed for codewheels which have an optical radius of
11.00 mm (0.433 in.).
The quadrature signals and the index pulse are accessed
through five 0.025 inch square pins located on 0.1 inch
centers.
Resolutions between 360 and 1024 counts per revolution
are available. Consult local Avago sales representatives for
other resolutions.
Features
• -40°C to 140°C Operating Temperature
• Two Channel Quadrature Output with Index Pulse
• Suitable for Industrial Applications
• Resolution up to 1024 Counts per Revolution
• Low Cost
• Easy to Mount
• No Signal Adjustment Required
• Small Size
Applications
The HEDT-9040 and 9140 provide high temperature
motion control detection at a low cost, making them
suitable for industrial applications.
Note: Avago Technologies encoders are not recommend-
ed for use in safety critical applications. Eg. ABS braking
systems, power steering, life support systems and critical
care medical equipment. Please contact sales representa-
tive if more clarification is needed.


Số phần tương tự - HEDT-9040

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HEDT-9040 HP-HEDT-9040 Datasheet
280Kb / 10P
   High Temperature 140-C Three Channel Optical Incremental Encoder Modules
More results

Mô tả tương tự - HEDT-9040

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AVAGO TECHNOLOGIES LIMI...
AEDB-9140 AVAGO-AEDB-9140 Datasheet
168Kb / 9P
   Two Channel Quadrature Output with Index Pulse
logo
Red Lion Controls. Inc
ZCH0100C REDLION-ZCH0100C Datasheet
347Kb / 4P
   MODEL ZCH - QUADRATURE OUTPUT ROTARY PULSE GENERATOR
ZFH0200C REDLION-ZFH0200C Datasheet
347Kb / 4P
   MODEL ZCH - QUADRATURE OUTPUT ROTARY PULSE GENERATOR
ZFH0100C REDLION-ZFH0100C Datasheet
347Kb / 4P
   MODEL ZCH - QUADRATURE OUTPUT ROTARY PULSE GENERATOR
logo
Allegro MicroSystems
ATS692LSH ALLEGRO-ATS692LSH Datasheet
355Kb / 12P
   Two-wire, pulse width output protocol
logo
List of Unclassifed Man...
PDG-2510 ETC2-PDG-2510 Datasheet
68Kb / 2P
   Two Channel Digital Delay Pulse Generator
logo
Sames
SA9108F SAMES-SA9108F Datasheet
105Kb / 12P
   TWO PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Winbond
W91610 WINBOND-W91610 Datasheet
159Kb / 12P
   TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
logo
Analog Devices
EVAL-ADE7755ZEB AD-EVAL-ADE7755ZEB Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZ AD-ADE7755ARSZ Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com