công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HEDS-9711 bảng dữ liệu(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

tên linh kiện HEDS-9711
Giải thích chi tiết về linh kiện  Small Optical Encoder Modules 360 Ipi Analog Current Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Trang chủ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDS-9711 bảng dữ liệu(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HEDS-9711 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HEDS-9711 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HEDS-9711 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDS-9711 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDS-9711 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDS-9711 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HEDS-9711 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HEDS-9711 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HEDS-9710, HEDS-9711
Small Optical Encoder Modules
360 Ipi Analog Current Output
Data Sheet
Features
 Small size
 Two channel quadrature output
 Linear and rotary applications
 No signal adjustment required
 TTL compatible
 Wave solderable
 Lead free package
 15°C to 45°C operating temperature
 Single 5 V supply
Description
The HEDS-971x is a high performance incremental
encoder module. When operated in conjunction with
either a codewheel or codestrip, this module detects
rotary or linear position. The encoder consists of a lensed
LED source and a detector IC enclosed in a small C-shaped
plastic package. Due to a highly collimated light source
and a unique photodetector array, the module is extremely
tolerant to mounting misalignment.
The two channel analog outputs and 5 V supply input are
accessed through four solder plated leads located on 2.54
mm (0.1 inch) centers.
The standard HEDS-971x is designed for use with an
appropriate optical radius codewheel or linear codestrip.
Other options are available. Please contact the factory for
more information.
Applications
The HEDS-971x provides sophisticated motion detection,
making closed loop control, very cost competitive. Typical
applications include printers, plotters, copiers and office
automation equipment.
Block Diagram
RESISTOR
LENS
LED
COMPARATORS
PHOTO-
DIODES
SIGNAL
PROCESSING
CIRCUITRY
+
A
2
A
EMITTER SECTION
CODE
WHEEL
DETECTOR SECTION
+
B
4
GND
1
VCC
3
B
CHANNEL A
CHANNEL B


Số phần tương tự - HEDS-9711

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HEDS-9711 HP-HEDS-9711 Datasheet
248Kb / 8P
   200 lpi Analog Output Small Optical Encoder Modules
HEDS-9711R-200LPI50 HP-HEDS-9711R-200LPI50 Datasheet
248Kb / 8P
   200 lpi Analog Output Small Optical Encoder Modules
HEDS-9711R-200LPI51 HP-HEDS-9711R-200LPI51 Datasheet
248Kb / 8P
   200 lpi Analog Output Small Optical Encoder Modules
More results

Mô tả tương tự - HEDS-9711

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HEDS-9710 HP-HEDS-9710 Datasheet
248Kb / 8P
   200 lpi Analog Output Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9640-210 AVAGO-AEDS-9640-210 Datasheet
137Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
logo
Agilent(Hewlett-Packard...
HEDS-974X HP-HEDS-974X Datasheet
208Kb / 6P
   180, 300, 360 LPI Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-964X AVAGO-AEDS-964X Datasheet
172Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
HEDS-97EX AVAGO-HEDS-97EX Datasheet
209Kb / 10P
   Small Optical Encoder Modules 200 LPI Analog Voltage Output
HEDS-974X AVAGO-HEDS-974X Datasheet
363Kb / 6P
   For 180, 300, 360 LPI Small Optical Encoder Modules
HEDS-970X AVAGO-HEDS-970X Datasheet
279Kb / 10P
   Digital Output Small Optical Encoder Modules
HEDS-973X AVAGO-HEDS-973X Datasheet
634Kb / 11P
   Small Optical Encoder Modules
HEDS-978X AVAGO-HEDS-978X Datasheet
551Kb / 7P
   Small Optical Encoder Modules
HEDS-9730-350 AVAGO-HEDS-9730-350 Datasheet
119Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com