công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10EP11DTR2 bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC10EP11DTR2
Giải thích chi tiết về linh kiện  3.3V / 5V ECL 1:2 Differential Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP11DTR2 bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC10EP11DTR2 Datasheet HTML 1Page - ON Semiconductor MC10EP11DTR2 Datasheet HTML 2Page - ON Semiconductor MC10EP11DTR2 Datasheet HTML 3Page - ON Semiconductor MC10EP11DTR2 Datasheet HTML 4Page - ON Semiconductor MC10EP11DTR2 Datasheet HTML 5Page - ON Semiconductor MC10EP11DTR2 Datasheet HTML 6Page - ON Semiconductor MC10EP11DTR2 Datasheet HTML 7Page - ON Semiconductor MC10EP11DTR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC10EP11, MC100EP11
http://onsemi.com
4
100EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 12)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Negative Power Supply Current
26
35
44
26
35
44
26
35
46
mA
VOH
Output HIGH Voltage (Note 13)
2155
2280
2405
2155
2280
2405
2155
2280
2405
mV
VOL
Output LOW Voltage (Note 13)
1355
1480
1605
1355
1480
1605
1355
1480
1605
mV
VIH
Input HIGH Voltage (Single−Ended)
2075
2420
2075
2420
2075
2420
mV
VIL
Input LOW Voltage (Single−Ended)
1355
1675
1355
1675
1355
1675
mV
VIHCMR
Input HIGH Voltage Common Mode Range (Dif-
ferential Configuration) (Note 14)
2.0
3.3
2.0
3.3
2.0
3.3
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE:
EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
12. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to −2.2 V.
13. All loading with 50
W to VCC − 2.0 V.
14. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differen-
tial input signal.
100EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 15)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Negative Power Supply Current
26
35
44
26
35
44
26
35
46
mA
VOH
Output HIGH Voltage (Note 16)
3855
3980
4105
3855
3980
4105
3855
3980
4105
mV
VOL
Output LOW Voltage (Note 16)
3055
3180
3305
3055
3180
3305
3055
3180
3305
mV
VIH
Input HIGH Voltage (Single−Ended)
3775
4120
3775
4120
3775
4120
mV
VIL
Input LOW Voltage (Single−Ended)
3055
3375
3055
3375
3055
3375
mV
VIHCMR
Input HIGH Voltage Common Mode Range (Dif-
ferential Configuration) (Note 17)
2.0
5.0
2.0
5.0
2.0
5.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE:
EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
15. Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to −0.5 V.
16. All loading with 50
W to VCC − 2.0 V.
17. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differen-
tial input signal.
100EP DC CHARACTERISTICS, NECL VCC = 0 V; VEE = −5.5 V to −3.0 V (Note 18)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Negative Power Supply Current
26
35
44
26
35
44
26
35
46
mA
VOH
Output HIGH Voltage (Note 19)
−1145
−1020
−895
−1145
−1020
−895
−1145
−1020
−895
mV
VOL
Output LOW Voltage (Note 19)
−1945
−1820
−1695
−1945
−1820
−1695
−1945
−1820
−1695
mV
VIH
Input HIGH Voltage (Single−Ended)
−1225
−880
−1225
−880
−1225
−880
mV
VIL
Input LOW Voltage (Single−Ended)
−1945
−1625
−1945
−1625
−1945
−1625
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 19)
VEE+2.0
0.0
VEE+2.0
0.0
VEE+2.0
0.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE:
EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
18. Input and output parameters vary 1:1 with VCC.
19. All loading with 50
W to VCC − 2.0 V.
20. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differen-
tial input signal.


Số phần tương tự - MC10EP11DTR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10EP11DTR2 ONSEMI-MC10EP11DTR2 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC10EP11DTR2G ONSEMI-MC10EP11DTR2G Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC10EP11DTR2G ONSEMI-MC10EP11DTR2G Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
More results

Mô tả tương tự - MC10EP11DTR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100EL11 FAIRCHILD-100EL11 Datasheet
130Kb / 5P
   5V ECL 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY10EL11V MICREL-SY10EL11V Datasheet
52Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL11 MICREL-SY10EL11 Datasheet
59Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL11V MICREL-SY10EL11V_14 Datasheet
289Kb / 10P
   5V/3.3V 1:2 Differential Fanout Buffer
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com