công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMX2331ATM bảng dữ liệu(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMX2331ATM
Giải thích chi tiết về linh kiện  PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2331ATM bảng dữ liệu(HTML) 8 Page - National Semiconductor (TI)

Back Button LMX2331ATM Datasheet HTML 4Page - National Semiconductor (TI) LMX2331ATM Datasheet HTML 5Page - National Semiconductor (TI) LMX2331ATM Datasheet HTML 6Page - National Semiconductor (TI) LMX2331ATM Datasheet HTML 7Page - National Semiconductor (TI) LMX2331ATM Datasheet HTML 8Page - National Semiconductor (TI) LMX2331ATM Datasheet HTML 9Page - National Semiconductor (TI) LMX2331ATM Datasheet HTML 10Page - National Semiconductor (TI) LMX2331ATM Datasheet HTML 11Page - National Semiconductor (TI) LMX2331ATM Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Typical Performance Characteristics (Continued)
Charge Pump Current Variation
(See Note 3 under Charge Pump Current Specification
Definitions)
DS012331-36
Sink vs Source Mismatch
(See Note 4 under Charge Pump Current Specification
Definitions)
DS012331-37
RF Input Impedance
V
CC = 2.7V to 5.5V, fIN = 50 MHz to 3 GHz
DS012331-38
Marker 1 = 1 GHz, Real = 101, Imag. = −144
Marker 2 = 2 GHz, Real = 37, Imag. = −54
Marker 3 = 3 GHz, Real = 22, Imag. = −2
Marker 4 = 500 MHz, Real = 209, Imag. = −232
IF Input Impedance
V
CC = 2.7V to 5.5V, fIN = 10 MHz to 1000 MHz
DS012331-39
Marker 1 = 100 MHz, Real = 589, Imag. = −209
Marker 2 = 200 MHz, Real = 440, Imag. = −286
Marker 3 = 300 MHz, Real = 326, Imag. = −287
Marker 4 = 500 MHz, Real = 202, Imag. = −234
www.national.com
8


Số phần tương tự - LMX2331ATM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2331 NSC-LMX2331 Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2331L NSC-LMX2331L Datasheet
563Kb / 23P
   PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2331LSLB NSC-LMX2331LSLB Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2331LSLBX NSC-LMX2331LSLBX Datasheet
563Kb / 23P
   PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2331LSLDX NSC-LMX2331LSLDX Datasheet
563Kb / 23P
   PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
More results

Mô tả tương tự - LMX2331ATM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
LMX2430 TI1-LMX2430_14 Datasheet
4Mb / 48P
[Old version datasheet]   PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2430 NSC-LMX2430 Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
   PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com