công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMX2325TM bảng dữ liệu(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMX2325TM
Giải thích chi tiết về linh kiện  Frequency Synthesizer for RF Personal Communications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2325TM bảng dữ liệu(HTML) 11 Page - National Semiconductor (TI)

Back Button LMX2325TM Datasheet HTML 7Page - National Semiconductor (TI) LMX2325TM Datasheet HTML 8Page - National Semiconductor (TI) LMX2325TM Datasheet HTML 9Page - National Semiconductor (TI) LMX2325TM Datasheet HTML 10Page - National Semiconductor (TI) LMX2325TM Datasheet HTML 11Page - National Semiconductor (TI) LMX2325TM Datasheet HTML 12Page - National Semiconductor (TI) LMX2325TM Datasheet HTML 13Page - National Semiconductor (TI) LMX2325TM Datasheet HTML 14Page - National Semiconductor (TI) LMX2325TM Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Functional Description (Continued)
PROGRAMMABLE DIVIDER (N COUNTER)
The N counter consists of the 7-bit swallow counter (A counter) and the 11-bit programmable counter (B counter) If the Control
Bit (last bit shifted into the Data Register) is LOW data is transferred from the 19-bit shift register into a 7-bit latch (which sets
the 7-bit Swallow (A) Counter) and an 11-bit latch (which sets the 11-bit programmable (B) Counter) Serial data format is shown
below
TLW12339 – 20
Note
S8 to S18 Programmable counter divide ratio control bits (3 to 2047)
7-BIT SWALLOW COUNTER DIVIDE RATIO
(A COUNTER)
Divide
S
7
S
6
S
5
S
4
S
3
S
2
S
1
Ratio
A
0
0000000
1
0000001


127
1111111
Note
Divide ratio 0 to 127
B t A
11-BIT PROGRAMMABLE COUNTER DIVIDE RATIO
(B COUNTER)
Divide
18
S
17
S
16
S
15
S
14
S
13
S
12
S
11
S
10
SS
9
S
8
Ratio
B
3
0
00000000
1
1
4
0
00000001
0
0





2047
1
1
1
1
1
1
1
1
1
1
1
Note
Divide ratio 3 to 2047 (Divide ratios less than 3 are prohibited)
B t A
PULSE SWALLOW FUNCTION
fVCO e (P c B) a A c fOSC R
fVCO Output frequency of external voltage controlled oscil-
lator (VCO)
B
Preset divide ratio of binary 11-bit programmable
counter (3 to 2047)
A
Preset divide ratio of binary 7-bit swallow counter
(0 s A s 127 A s B)
fOSC Output frequency of the external reference frequency
oscillator
R
Preset divide ratio of binary 14-bit programmable ref-
erence counter (3 to 16383)
P
Preset modulus of dual moduIus prescaler (64 or 128
for 231520 or 32 or 64 for 2325)
http
www nationalcom
11


Số phần tương tự - LMX2325TM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2322 NSC-LMX2322 Datasheet
216Kb / 14P
   PLLatinumTM 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
   PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2324 NSC-LMX2324 Datasheet
157Kb / 12P
   PLLatinum??2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2324A NSC-LMX2324A Datasheet
329Kb / 12P
   PLLatinum??2.2 GHz Frequency Synthesizer for RF Personal Communications (SL163188)
LMX2324ATMX NSC-LMX2324ATMX Datasheet
329Kb / 12P
   PLLatinum??2.2 GHz Frequency Synthesizer for RF Personal Communications (SL163188)
More results

Mô tả tương tự - LMX2325TM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2314 NSC-LMX2314 Datasheet
371Kb / 20P
   1.2 GHz Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
   PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX1501A NSC-LMX1501A Datasheet
367Kb / 22P
   PLLatinumTM 1.1 GHz Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2430 TI1-LMX2430_14 Datasheet
4Mb / 48P
[Old version datasheet]   PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com