công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMX2313U bảng dữ liệu(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMX2313U
Giải thích chi tiết về linh kiện  PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2313U bảng dữ liệu(HTML) 10 Page - National Semiconductor (TI)

Back Button LMX2313U Datasheet HTML 6Page - National Semiconductor (TI) LMX2313U Datasheet HTML 7Page - National Semiconductor (TI) LMX2313U Datasheet HTML 8Page - National Semiconductor (TI) LMX2313U Datasheet HTML 9Page - National Semiconductor (TI) LMX2313U Datasheet HTML 10Page - National Semiconductor (TI) LMX2313U Datasheet HTML 11Page - National Semiconductor (TI) LMX2313U Datasheet HTML 12Page - National Semiconductor (TI) LMX2313U Datasheet HTML 13Page - National Semiconductor (TI) LMX2313U Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Typical Performance Characteristics (Continued)
Charge Pump Current Variation (See formula under
Charge Pump Current Specification Definitions)
Sink Vs Source Mismatch (See formula under Charge
Pump Current Specification Definitions)
20043866
20043867
LMX2310U F
in Sensitivity vs Frequency at 3.0V
20043846
www.national.com
10


Số phần tương tự - LMX2313U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2314 NSC-LMX2314 Datasheet
371Kb / 20P
   1.2 GHz Frequency Synthesizer for RF Personal Communications
LMX2314M NSC-LMX2314M Datasheet
371Kb / 20P
   1.2 GHz Frequency Synthesizer for RF Personal Communications
LMX2314MX NSC-LMX2314MX Datasheet
371Kb / 20P
   1.2 GHz Frequency Synthesizer for RF Personal Communications
LMX2315 NSC-LMX2315 Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
LMX2315 NSC-LMX2315 Datasheet
371Kb / 20P
   1.2 GHz Frequency Synthesizer for RF Personal Communications
More results

Mô tả tương tự - LMX2313U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2377U NSC-LMX2377U Datasheet
3Mb / 44P
   PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2335U NSC-LMX2335U Datasheet
3Mb / 48P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2332U NSC-LMX2332U Datasheet
3Mb / 42P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306 Datasheet
300Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com