công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC7905.2BT bảng dữ liệu(PDF) 6 Page - Motorola, Inc

tên linh kiện MC7905.2BT
Giải thích chi tiết về linh kiện  THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC7905.2BT bảng dữ liệu(HTML) 6 Page - Motorola, Inc

Back Button MC7905.2BT Datasheet HTML 2Page - Motorola, Inc MC7905.2BT Datasheet HTML 3Page - Motorola, Inc MC7905.2BT Datasheet HTML 4Page - Motorola, Inc MC7905.2BT Datasheet HTML 5Page - Motorola, Inc MC7905.2BT Datasheet HTML 6Page - Motorola, Inc MC7905.2BT Datasheet HTML 7Page - Motorola, Inc MC7905.2BT Datasheet HTML 8Page - Motorola, Inc MC7905.2BT Datasheet HTML 9Page - Motorola, Inc MC7905.2BT Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC7900
6
MOTOROLA ANALOG IC DEVICE DATA
MC7915C
ELECTRICAL CHARACTERISTICS (VI = – 23 V, IO = 500 mA, 0°C < TJ < +125°C, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
–14.4
–15
–15.6
Vdc
Line Regulation (Note 1)
(TJ = +25°C, IO = 100 mA)
–17.5 Vdc
≥ VI ≥ –30 Vdc
–20 Vdc
≥ VI ≥ –26 Vdc
(TJ = +25°C, IO = 500 mA)
–17.5 Vdc
≥ VI ≥ –30 Vdc
–20 Vdc
≥ VI ≥ –26 Vdc
Regline
14
6.0
57
27
150
75
300
150
mV
Load Regulation, TJ = +25°C (Note 1)
5.0 mA
≤ IO ≤ 1.5 A
250 mA
≤ IO ≤ 750 mA
Regload
68
25
300
150
mV
Output Voltage
–17.5 Vdc
≥ VI ≥ –30 Vdc, 5.0 mA ≤ IO ≤ 1.0 A, P ≤ 15 W
VO
–14.25
–15.75
Vdc
Input Bias Current (TJ = +25°C)
IIB
4.4
8.0
mA
Input Bias Current Change
–17.5 Vdc
≥ VI ≥ –30 Vdc
5.0 mA
≤ IO ≤ 1.5 A
∆IIB
1.0
0.5
mA
Output Noise Voltage (TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
90
µV
Ripple Rejection (IO = 20 mA, f = 120 Hz)
RR
60
dB
Dropout Voltage
IO = 1.0 A, TJ = +25°C
VI–VO
2.0
Vdc
Average Temperature Coefficient of Output Voltage
IO = 5.0 A, 0°C ≤ TJ ≤ +125°C
∆VO/∆T
–1.0
mV/
°C
MC7915AC
ELECTRICAL CHARACTERISTICS (VI = – 23 V, IO = 500 mA, 0°C < TJ < +125°C, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
–14.7
–15
–15.3
Vdc
Line Regulation (Note 1)
– 20 Vdc
≥ VI ≥ –26 Vdc, IO = 1.0 A, TJ = +25°C
– 20 Vdc
≥ VI ≥ –26 Vdc, IO = 1.0 A,
–17.9 Vdc
≥ VI ≥ –30 Vdc, IO = 500 mA
–17.5 Vdc
≥ VI ≥ –30 Vdc, IO = 1.0 A, TJ = +25°C
Regline
27
57
57
57
75
150
150
150
mV
Load Regulation (Note 1)
5.0 mA
≤ IO ≤ 1.5 A, TJ = +25°C
250 mA
≤ IO ≤ 750 mA
5.0 mA
≤ IO ≤ 1.0 A
Regload
68
25
40
150
75
150
mV
Output Voltage
–17.9 Vdc
≥ VI ≥ –30 Vdc, 5.0 mA ≤ IO ≤ 1.0 A, P ≤ 15 W
VO
–14.4
–15.6
Vdc
Input Bias Current
IIB
4.4
8.0
mA
Input Bias Current Change
–17.5 Vdc
≥ VI ≥ –30 Vdc
5.0 mA
≤ IO ≤ 1.0 A
5.0 mA
≤ IO ≤ 1.5 A, TJ = +25°C
∆IIB
0.8
0.5
0.5
mA
Output Noise Voltage (TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
90
µV
Ripple Rejection (IO = 20 mA, f = 120 Hz)
RR
60
dB
Dropout Voltage
IO = 1.0 A, TJ = +25°C
VI–VO
2.0
Vdc
Average Temperature Coefficient of Output Voltage
IO = 5.0 mA, 0°C ≤ TJ ≤ +125°C
∆VO/∆T
–1.0
mV/
°C
NOTE: 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately.
NOTE: 1. Pulse testing with low duty cycle is used.


Số phần tương tự - MC7905.2BT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC7905.2CT ONSEMI-MC7905.2CT Datasheet
143Kb / 14P
   1.0 A Negative Voltage Regulators
March, 2004 ??Rev. 12
MC7905.2CT ONSEMI-MC7905.2CT Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
MC7905.2CT ONSEMI-MC7905.2CT Datasheet
138Kb / 16P
   1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
MC7905.2CT ONSEMI-MC7905.2CT Datasheet
194Kb / 16P
   1.0 A Negative Voltage Regulators
July, 2013 ??Rev. 18
MC7905.2CTG ONSEMI-MC7905.2CTG Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
More results

Mô tả tương tự - MC7905.2BT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7905CT MCC-MC7905CT Datasheet
166Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7905CT MCC-MC7905CT_11 Datasheet
264Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7915CT MCC-MC7915CT Datasheet
449Kb / 5P
   Three-Terminal Negative Voltage Regulators
logo
Toshiba Semiconductor
TA79L005P TOSHIBA-TA79L005P_06 Datasheet
446Kb / 16P
   Three-Terminal Negative Voltage Regulators
logo
KEC(Korea Electronics)
KIA79L05BP KEC-KIA79L05BP Datasheet
263Kb / 13P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
NEC
UPC79L00 NEC-UPC79L00 Datasheet
286Kb / 10P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS????
logo
Toshiba Semiconductor
TA79L05F TOSHIBA-TA79L05F_06 Datasheet
494Kb / 16P
   Three-Terminal Negative Voltage Regulators
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com