công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC7906ACT bảng dữ liệu(PDF) 11 Page - Motorola, Inc

tên linh kiện MC7906ACT
Giải thích chi tiết về linh kiện  THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC7906ACT bảng dữ liệu(HTML) 11 Page - Motorola, Inc

Back Button MC7906ACT Datasheet HTML 4Page - Motorola, Inc MC7906ACT Datasheet HTML 5Page - Motorola, Inc MC7906ACT Datasheet HTML 6Page - Motorola, Inc MC7906ACT Datasheet HTML 7Page - Motorola, Inc MC7906ACT Datasheet HTML 8Page - Motorola, Inc MC7906ACT Datasheet HTML 9Page - Motorola, Inc MC7906ACT Datasheet HTML 10Page - Motorola, Inc MC7906ACT Datasheet HTML 11Page - Motorola, Inc MC7906ACT Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MC7900
11
MOTOROLA ANALOG IC DEVICE DATA
T SUFFIX
PLASTIC PACKAGE
CASE 221A–06
ISSUE Y
OUTLINE DIMENSIONS
MIN
MIN
MAX
MAX
INCHES
MILLIMETERS
DIM
A
B
C
D
F
G
H
J
K
L
N
Q
R
S
T
U
V
Z
14.48
9.66
4.07
0.64
3.61
2.42
2.80
0.46
12.70
1.15
4.83
2.54
2.04
1.15
5.97
0.00
1.15
15.75
10.28
4.82
0.88
3.73
2.66
3.93
0.64
14.27
1.52
5.33
3.04
2.79
1.39
6.47
1.27
2.04
0.570
0.380
0.160
0.025
0.142
0.095
0.110
0.018
0.500
0.045
0.190
0.100
0.080
0.045
0.235
0.000
0.045
0.620
0.405
0.190
0.035
0.147
0.105
0.155
0.025
0.562
0.060
0.210
0.120
0.110
0.055
0.255
0.050
0.080
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIM Z DEFINES A ZONE WHERE ALL BODY AND
LEAD IRREGULARITIES ARE ALLOWED.
–T
SEATING
PLANE
C
S
T
U
J
R
F
B
Q
H
Z
L
V
G
N
D
K
A
4
12 3
D2T SUFFIX
PLASTIC PACKAGE
CASE 936–03
(D2PAK)
ISSUE B
5 REF
5 REF
A
12
3
K
F
B
J
S
H
0.010 (0.254)
T
M
D
G
C
E
–T
M
L
P
N
R
V
U
TERMINAL 4
NOTES:
1 DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2 CONTROLLING DIMENSION: INCH.
3 TAB CONTOUR OPTIONAL WITHIN DIMENSIONS
A AND K.
4 DIMENSIONS U AND V ESTABLISH A MINIMUM
MOUNTING SURFACE FOR TERMINAL 4.
5 DIMENSIONS A AND B DO NOT INCLUDE MOLD
FLASH OR GATE PROTRUSIONS. MOLD FLASH
AND GATE PROTRUSIONS NOT TO EXCEED
0.025 (0.635) MAXIMUM.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.386
0.403
9.804
10.236
INCHES
B
0.356
0.368
9.042
9.347
C
0.170
0.180
4.318
4.572
D
0.026
0.036
0.660
0.914
E
0.045
0.055
1.143
1.397
F
0.051 REF
1.295 REF
G
0.100 BSC
2.540 BSC
H
0.539
0.579
13.691
14.707
J
0.125 MAX
3.175 MAX
K
0.050 REF
1.270 REF
L
0.000
0.010
0.000
0.254
M
0.088
0.102
2.235
2.591
N
0.018
0.026
0.457
0.660
P
0.058
0.078
1.473
1.981
R
S
0.116 REF
2.946 REF
U
0.200 MIN
5.080 MIN
V
0.250 MIN
6.350 MIN
__
OPTIONAL
CHAMFER


Số phần tương tự - MC7906ACT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
MC7906 FAIRCHILD-MC7906 Datasheet
117Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
ON Semiconductor
MC7906CD2T ONSEMI-MC7906CD2T Datasheet
143Kb / 14P
   1.0 A Negative Voltage Regulators
March, 2004 ??Rev. 12
MC7906CD2T ONSEMI-MC7906CD2T Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
MC7906CD2T ONSEMI-MC7906CD2T Datasheet
138Kb / 16P
   1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
MC7906CD2T ONSEMI-MC7906CD2T Datasheet
194Kb / 16P
   1.0 A Negative Voltage Regulators
July, 2013 ??Rev. 18
More results

Mô tả tương tự - MC7906ACT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7905CT MCC-MC7905CT Datasheet
166Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7905CT MCC-MC7905CT_11 Datasheet
264Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7915CT MCC-MC7915CT Datasheet
449Kb / 5P
   Three-Terminal Negative Voltage Regulators
logo
Toshiba Semiconductor
TA79L005P TOSHIBA-TA79L005P_06 Datasheet
446Kb / 16P
   Three-Terminal Negative Voltage Regulators
logo
KEC(Korea Electronics)
KIA79L05BP KEC-KIA79L05BP Datasheet
263Kb / 13P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
NEC
UPC79L00 NEC-UPC79L00 Datasheet
286Kb / 10P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS????
logo
Toshiba Semiconductor
TA79L05F TOSHIBA-TA79L05F_06 Datasheet
494Kb / 16P
   Three-Terminal Negative Voltage Regulators
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com