công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Q106 bảng dữ liệu(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED |
|
Q106 bảng dữ liệu(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED |
5 / 7 page 5 5 300 0.0 IPEAK – PEAK FORWARD CURRENT – mA 10 20 50 100 2 1 200 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 0 0 0 1 0 0 6 10 -3 WAVELENGTH – nm 700 500 10 -2 10 -1 1.0 2 0.5 0.01 IF – DC FORWARD CURRENT – mA 510 20 50 2.4 2.0 1.0 0.2 0.1 0.05 1 0.5 5 . 3 0 . 1 300 20 1 V F – FORWARD VOLTAGE – V 1.5 2.0 2.5 3.0 200 100 50 10 5 2 0.5 0 50 0 IPEAK – PEAK FORWARD CURRENT – mA 150 250 50 40 30 20 10 100 200 300 f > 1000 Hz f > 300 Hz f > 100 Hz 0 0 T A – AMBIENT TEMPERATURE – °C 40 80 50 40 30 20 10 20 60 100 RθJA = 400° C/W RθJA = 550° C/W Electrical Characteristics at TA = 25°C Capacitance Speed of Response Forward Voltage Reverse Breakdown C (pF) s (ns) Part VF (Volts) VR (Volts) VF = 0, Thermal Time Constant Number @ IF = 20 mA @ IR = 100 A f = 1 MHz Resistance e-t/s HLMP- Typ. Max. Min. Typ. Typ. R J-PIN (°C/W) Typ. Q106 1.9 2.4 5 20 20 170 45 Q102 1.9 2.4 5 20 20 170 45 P106 1.9 2.4 5 20 20 170 45 Electrical Characteristics at TA = 25°C Part Capacitance Speed of Response Number Forward Voltage Reverse Breakdown C (pF) s (ns) (Low VF (Volts) VR (Volts) VF = 0, Thermal Time Constant Current) @ IF = 0.5 mA @ IR = 100 A f = 1 MHz Resistance e-t/s HLMP- Typ. Max. Min. Typ. Typ. R J-PIN (°C/W) Typ. Q156 1.6 1.9 5 20 20 170 45 Q152 1.6 1.9 5 20 20 170 45 P156 1.6 1.9 5 20 20 170 45 Figure 5. Relative efficiency vs. peak forward current. Figure 7. Maximum average current vs. peak forward current. Figure 6. Maximum forward DC current vs. ambient temperature. Derating based on TJMAX = 110°C. Figure 2. Relative intensity vs. wavelength. Figure 4. Relative luminous intensity vs. DC forward current. Figure 3. Forward current vs. forward voltage. |
Số phần tương tự - Q106 |
|
Mô tả tương tự - Q106 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |