công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145574 bảng dữ liệu(PDF) 6 Page - Pulse A Technitrol Company

tên linh kiện MC145574
Giải thích chi tiết về linh kiện  ISDN S-Interface Transformers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PULSE [Pulse A Technitrol Company]
Trang chủ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

MC145574 bảng dữ liệu(HTML) 6 Page - Pulse A Technitrol Company

  MC145574 Datasheet HTML 1Page - Pulse A Technitrol Company MC145574 Datasheet HTML 2Page - Pulse A Technitrol Company MC145574 Datasheet HTML 3Page - Pulse A Technitrol Company MC145574 Datasheet HTML 4Page - Pulse A Technitrol Company MC145574 Datasheet HTML 5Page - Pulse A Technitrol Company MC145574 Datasheet HTML 6Page - Pulse A Technitrol Company MC145574 Datasheet HTML 7Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
T604.F (05/12)
6
pulseelectronics.com
ISDN S-Interface Transformers
Designed for 4-wire links, ISDN-S/T and T1/E1/CEPT
High frequency chokes for EMI reduction
Low frequency chokes improve longitudinal balance in
ISDN-S/T links
Surface mount and through hole models available
Electrical Specifications @ 25°C - Operating Temperature 0°C to +70°C
Part
Number
OCL Pri
(mH MIN)
L Sec
(
μH MAX)
Cw/w
(pF MAX)
DCR
(W MAX)
Isolation
(VRMS MIN)
Package /
Schematic
PE-65853NL
4.7 mH
±30%
1
60
1.20
500
PA-2/5C (Surface Mount)
PE-65950NL
4.7 mH
±30%
1
50
1.00
500
IS-4/1C (Through Hole)
PE-65554NL
24.0
μH MIN
.20
15
0.30
500
IN-1/C (Through Hole)
PE-65854NL
47.0
μH MIN
.18
20
0.40
50
SH-4/C (Surface Mount)
PE-65857NL
22.5
μH MIN
.23
17
0.30
500
LA-1/C (Surface Mount)
E
E
F
L
Low Frequency
High Frequency
Common Mode Chokes for Telecom Applications
0
-5
-10
-15
-20
-25
-30
1 MHz
10 MHz
100 MHz
Frequency
PE-65854
PE-65554/65857
3.0K
2.8K
2.6K
2.4K
2.2K
2.0K
1.8K
1.6K
1.4K
1.2K
1K
800
600
400
200
0
1 MHz
10 MHz
100 MHz
Frequency
PE-65554/65857
PE-65854
Typical common
mode attenuation
for high frequency
common mode
chokes based on
a 100 system.
Typical impedance
for high frequency
common mode
chokes based on
a 100 system.
20K
18K
16K
14K
12K
10K
8K
6K
4K
2K
0
100 KHz1 MHz
10 MHz
Frequency
PE-65950/65853
PE-65541
Typical common
mode attenuation
for low frequency
common mode
chokes based on
a 100 system.
Typical impedance
for low frequency
common mode
chokes based on
a 100 system.


Số phần tương tự - MC145574

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145574 MOTOROLA-MC145574 Datasheet
1Mb / 164P
   ISDN S/T-Interface Transceiver
logo
NXP Semiconductors
MC145574EVK NXP-MC145574EVK Datasheet
234Kb / 2P
   ISDN S/T-interface Transceiver Evaluation Kit
REV 0
MC145574EVK/D NXP-MC145574EVK/D Datasheet
234Kb / 2P
   ISDN S/T-interface Transceiver Evaluation Kit
REV 0
More results

Mô tả tương tự - MC145574

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
LT-S300C ETC1-LT-S300C Datasheet
34Kb / 1P
   ISDN S -Interface Transformers
logo
PCA ELECTRONICS INC.
EPR1226 PCA-EPR1226 Datasheet
109Kb / 1P
   ISDN-S Interface Transformers
logo
Rhombus Industries Inc.
T-10550 RHOMBUS-IND-T-10550 Datasheet
38Kb / 1P
   ISDN S-Interface Transformers
logo
List of Unclassifed Man...
LT-S200C ETC1-LT-S200C Datasheet
35Kb / 1P
   ISDN S -Interface Transformers
logo
Rhombus Industries Inc.
T-10400 RHOMBUS-IND-T-10400 Datasheet
58Kb / 1P
   ISDN S-Interface Transformers
logo
Pulse A Technitrol Comp...
PE-64995NL PULSE-PE-64995NL Datasheet
1Mb / 7P
   ISDN S-Interface Transformers
logo
XFMRS Inc.
XF02234A XFMRS-XF02234A Datasheet
54Kb / 1P
   ISDN S INTERFACE TRANSFORMERS
logo
Rhombus Industries Inc.
T-10550 RHOMBUS-IND-T-10550_99 Datasheet
39Kb / 1P
   ISDN S-Interface Transformers
logo
Pulse A Technitrol Comp...
PE-65793T PULSE-PE-65793T Datasheet
1Mb / 7P
   ISDN S-Interface Transformers
logo
XFMRS Inc.
XF0053-01S XFMRS-XF0053-01S Datasheet
51Kb / 1P
   ISDN S-INTERFACE TRANSFORMERS
XF0053-01S XFMRS-XF0053-01S_15 Datasheet
50Kb / 1P
   ISDN S-INTERFACE TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com