công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BU2508-E3 bảng dữ liệu(PDF) 1 Page - Vishay Siliconix |
|
BU2508-E3 bảng dữ liệu(HTML) 1 Page - Vishay Siliconix |
1 / 6 page BU2506-E3, BU2508-E3, BU2510-E3 www.vishay.com Vishay General Semiconductor Revision: 16-Aug-13 1 Document Number: 84805 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Enhanced isoCink+™ Bridge Rectifiers * Tested to UL standard for safety electrically isolated semiconductor devices. UL 1557 4th edition. Dielectric tested to maximum case, storage and junction temperature to 150 °C to withstand 1500 V. Epoxy meets UL 94 V-0 flammability rating. FEATURES • UL recognition file number E309391 (QQQX2) UL 1557 (see *) • Thin single in-line package • Available for BU-5S lead forming option (part number with “5S” suffix, e.g. BU25065S) • Superior thermal conductivity • Solder dip 275 °C max. 10 s, per JESD 22-B106 • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 TYPICAL APPLICATIONS General purpose use in AC/DC bridge full wave rectification for switching power supply, home appliances and white-goods applications. MECHANICAL DATA Case: BU Molding compound meets UL 94 V-0 flammability rating Base P/N-E3 - RoHS-compliant, commercial grade Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD 22-B102 E3 suffix meets JESD 201 class 1A whisker test Polarity: As marked on body Mounting Torque: 10 cm-kg (8.8 inches-lbs) max. Recommended Torque: 5.7 cm-kg (5 inches-lbs) Notes (1) With 60 W air cooled heatsink (2) Without heatsink, free air PRIMARY CHARACTERISTICS Package BU IF(AV) 25 A VRRM 600 V, 800 V, 1000 V IFSM 300 A IR 5 μA VF at IF = 12.5 A 0.87 V TJ max. 150 °C Diode variations In-Line + ~ ~ - - ~ ~ + Case Style BU + ~~ - isoCink+™ MAXIMUM RATINGS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL BU2506 BU2508 BU2510 UNIT Maximum repetitive peak reverse voltage VRRM 600 800 1000 V Average rectified forward current (Fig. 1, 2) TC = 60 °C (1) IO 25 A TA = 25 °C (2) 3.5 Non-repetitive peak forward surge current 8.3 ms single sine-wave, TJ = 25 °C IFSM 300 A Rating for fusing (t < 8.3 ms) TJ = 25 °C I2t 373 A2s Operating junction and storage temperature range TJ, TSTG - 55 to + 150 °C |
Số phần tương tự - BU2508-E3 |
|
Mô tả tương tự - BU2508-E3 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |