công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HLMP-3507 bảng dữ liệu(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

tên linh kiện HLMP-3507
Giải thích chi tiết về linh kiện  High intensity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Trang chủ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-3507 bảng dữ liệu(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-3507 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-3507 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-3507 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-3507 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-3507 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-3507 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-3507 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-3507 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-3507 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Optical/Electrical Characteristics at TA = 25°C
Test
Symbol
Parameter
Color
Min.
Typ.
Max.
Units
Condition
2q1/2
Included Angle
High Efficiency Red
60
Deg.
IF = 10 mA
Between Half
Orange
60
See Note 1
Luminous Intensity
Yellow
60
Points
Green
60
lPEAK
Peak Wavelength
High Efficiency Red
635
nm
Measurement
Orange
600
at Peak
Yellow
583
Green
565
Dl1/2
Spectral Line Halfwidth
HER/Orange
40
nm
Yellow
36
Green
28
ld
Dominant Wavelength
High Efficiency Red
626
nm
See Note 2
Orange
602
Yellow
585
Green
569
ts
Speed of Response
High Efficiency Red
90
ns
Orange
280
Yellow
90
Green
500
C
Capacitance
High Efficiency Red
11
pF
VF = 0;
Orange
4
f = 1 MHz
Yellow
15
Green
18
RqJ-PIN
Thermal Resistance
All
260
°C/W
Junction to
Cathode Lead
VF
Forward Voltage
HER/Orange
1.9
2.4
V
IF = 10 mA
Yellow
2.0
2.4
Green
2.1
2.7
VR
Reverse Breakdown
All
5.0
V
IR = 100 µA
Voltage
hV
Luminous Efficacy
High Efficiency Red
145
lumens
See Note 3
Orange
380
Watt
Yellow
500
Green
595
Notes:
1. q1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
2. The dominant wavelength, ld, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of
the device.
3. Radiant intensity, Ie, in Watts/steradian, may be found from the equation Ie = Iv/hv, where Iv is the luminous intensity in candelas and hv is the
luminous efficacy in lumens/Watt.


Số phần tương tự - HLMP-3507

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HLMP-3507 HP-HLMP-3507 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-3507 BOARDCOM-HLMP-3507 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3507-D0000 HP-HLMP-3507-D0000 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
HLMP-3507-D0001 HP-HLMP-3507-D0001 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
HLMP-3507-D0002 HP-HLMP-3507-D0002 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
More results

Mô tả tương tự - HLMP-3507

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Lite-On Technology Corp...
LTL-4292 LITEON-LTL-4292 Datasheet
208Kb / 4P
   High Intensity
LTL-307A LITEON-LTL-307A Datasheet
203Kb / 4P
   High Intensity
LTL-307ENF-D LITEON-LTL-307ENF-D Datasheet
191Kb / 4P
   High Intensity
logo
Elite Enterprises (H.K....
PBW1CA-3B ELITE-PBW1CA-3B Datasheet
158Kb / 3P
   High intensity
logo
Lite-On Technology Corp...
LTL-4221N LITEON-LTL-4221N Datasheet
461Kb / 7P
   High Intensity.
LTL-4208 LITEON-LTL-4208 Datasheet
187Kb / 4P
   High Intensity
logo
Vishay Siliconix
TLME3100 VISHAY-TLME3100 Datasheet
78Kb / 6P
   High Intensity SMD LED High Intensity SMD LED
Rev. A1, 04-Feb-99
TLCR6800 VISHAY-TLCR6800 Datasheet
470Kb / 5P
   High luminous intensity
Rev. 1.1, 29-Apr-13
logo
CITIZEN ELECTRONICS CO....
CLU700-0603C1 CITIZEN-CLU700-0603C1_17 Datasheet
645Kb / 14P
   High intensity Type
CLU710-1204C1 CITIZEN-CLU710-1204C1_17 Datasheet
585Kb / 14P
   High intensity Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com