công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1SS400T1G bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện 1SS400T1G
Giải thích chi tiết về linh kiện  High-Speed Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SS400T1G bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  1SS400T1G Datasheet HTML 1Page - ON Semiconductor 1SS400T1G Datasheet HTML 2Page - ON Semiconductor 1SS400T1G Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2014
June, 2014 − Rev. 8
1
Publication Order Number:
1SS400T1/D
1SS400T1G,
NSV1SS400T1G
High-Speed
Switching Diode
Features
High−Speed Switching Applications
Lead Finish: 100% Matte Sn (Tin)
Qualified Maximum Reflow Temperature: 260°C
Extremely Small SOD−523 Package
NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
Reverse Voltage
VR
100
V
Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
FR−5 Board (Note 1) @TA = 25°C
Derate above 25
°C
PD
200
1.57
mW
mW/
°C
Thermal Resistance, Junction-to-Ambient
RqJA
635
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to
+150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. FR−4 @ Minimum Pad.
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Voltage Leakage Current
(VR = 80 Vdc)
IR
0.1
mAdc
Diode Capacitance
(VR = 0 V, f = 1.0 MHz)
CD
3.0
pF
Forward Voltage
(IF = 100 mAdc)
VF
1.2
Vdc
Reverse Recovery Time
(IF = IR = 10 mAdc)
trr
4.0
ns
http://onsemi.com
1
CATHODE
2
ANODE
SOD−523
CASE 502
PLASTIC
A = Device Code
M = Date Code*
G = Pb−Free Package
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
1
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
A M
G
G
1
1SS400T1G
SOD−523
(Pb−Free)
3000 / Tape & Reel
(Note: Microdot may be in either location)
*Date Code orientation may vary depending upon
manufacturing location.
NSV1SS400T1G
SOD−523
(Pb−Free)
3000 / Tape & Reel
1SS400T5G
SOD−523
(Pb−Free)
8000 / Tape & Reel


Số phần tương tự - 1SS400T1G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
1SS400T1G ONSEMI-1SS400T1G Datasheet
46Kb / 3P
   High?뭆peed Switching Diode
December, 2006 ??Rev. 4
1SS400T1G ONSEMI-1SS400T1G Datasheet
46Kb / 3P
   High?뭆peed Switching Diode
January, 2007 ??Rev. 5
1SS400T1G ONSEMI-1SS400T1G Datasheet
97Kb / 3P
   High-Speed Switching Diode
June, 2010 ??Rev. 6
1SS400T1G ONSEMI-1SS400T1G_10 Datasheet
97Kb / 3P
   High-Speed Switching Diode
June, 2010 ??Rev. 6
1SS400T1G ONSEMI-1SS400T1G_11 Datasheet
124Kb / 3P
   High-Speed Switching Diode
October, 2011 ??Rev. 7
More results

Mô tả tương tự - 1SS400T1G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HY ROHM-BAW56HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN222ZM ROHM-DAN222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com